Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74VHC1GT32DTT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # M74VHC1GT32DTT1G
Description  2-Input OR Gate/CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT32DTT1G Datasheet(HTML) 4 Page - ON Semiconductor

  M74VHC1GT32DTT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT32DTT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT32DTT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT32DTT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT32DTT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT32DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT32
http://onsemi.com
4
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Switching Waveforms
Figure 5. Test Circuit
GND
50%
50% VCC
Input A or B
Output Y
tPHL
tPLH
50% VCC
VOL
VOH
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1GT32DFT1G
SC−88A / SOT−353 / SC−70−5
(Pb−Free)
3000 / Tape & Reel
NLVVHC1GT32DFT1G*
M74VHC1GT32DFT2G
NLVVHC1GT32DFT2G*
M74VHC1GT32DTT1G
TSOP−5 / SOT−23 / SC−59
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - M74VHC1GT32DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1GT32DTT1G ONSEMI-M74VHC1GT32DTT1G Datasheet
79Kb / 6P
   2?묲nput OR Gate/CMOS Logic Level Shifter
February, 2007 ??Rev. 10
M74VHC1GT32DTT1G ONSEMI-M74VHC1GT32DTT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
M74VHC1GT32DTT1G ONSEMI-M74VHC1GT32DTT1G Datasheet
205Kb / 14P
   Single 2-Input OR Gate
November, 2018 ??Rev. 21
M74VHC1GT32DTT1G ONSEMI-M74VHC1GT32DTT1G Datasheet
497Kb / 15P
   Single 2-Input OR Gate
April, 2022 ??Rev. 25
More results

Similar Description - M74VHC1GT32DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT32 ONSEMI-MC74VHC1GT32 Datasheet
89Kb / 8P
   2-Input OR Gate/CMOS Logic Level Shifter
November, 2001 ??Rev. 4
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
   2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT86A RENESAS-HD74LV1GT86A Datasheet
104Kb / 7P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT86 LRC-L74VHC1GT86 Datasheet
395Kb / 6P
   2-Input Exclusive OR Gate - CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHC1GT86DFT1G ONSEMI-MC74VHC1GT86DFT1G Datasheet
121Kb / 6P
   2-Input Exclusive OR Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 16
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A_15 Datasheet
106Kb / 10P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com