Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1206G102FXSPW1BC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VJ1206G102FXSPW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206G102FXSPW1BC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VJ1206G102FXSPW1BC Datasheet HTML 2Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 3Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 4Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 5Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 6Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 7Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 8Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 9Page - Vishay Siliconix VJ1206G102FXSPW1BC Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
6
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
102
1.0 nF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
122
1.2 nF
XXXX
B
B
B
B
B
B
B
B
B
B
152
1.5 nF
XXXX
B
B
B
B
B
B
B
B
B
B
182
1.8 nF
XXXX
B
B
B
B
B
B
B
B
B
B
222
2.2 nF
XXXX
B
B
B
B
B
B
B
B
B
B
272
2.7 nF
XXXX
D
D
D
D
D
B
B
B
B
B
332
3.3 nF
XXXX
D
D
D
D
D
B
B
B
B
B
392
3.9 nF
D
D
D
D
D
B
B
B
B
B
472
4.7 nF
D
D
D
D
D
B
B
B
B
B
562
5.6 nF
D
D
D
D
B
B
B
B
B
682
6.8 nF
D
D
D
D
C
C
C
C
C
822
8.2 nF
D
D
D
D
D
D
D
D
D
103
10 nF
D
D
D
D
D
D
D
D
D
123
12 nF
D (1)
D (1)
D (1) D (1)
153
15 nF
D (1) D (1)
183
18 nF
D (1) D (1)
223
22 nF
D (1) D (1)
273
27 nF
D (1) D (1)
333
33 nF
D (1) D (1)
393
39 nF
G (1) G (1)
473
47 nF
563
56 nF
683
68 nF
823
82 nF
104
100 nF
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ0402
VJ0603
VJ0805
VJ1206
SIZE CODE
0402
0603
0805
1206
VOLTAGE (VDC)
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
VOLTAGE CODE
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
CAP. CODE
CAP.
Notes
• Letters indicate product thickness, see packaging quantities
(1) Indicate product with Ag/Ni/Sn termination


Similar Part No. - VJ1206G102FXSPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206 VISHAY-VJ1206 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Revision: 20-Oct-08
VJ1206 VISHAY-VJ1206 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1206 VISHAY-VJ1206 Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
VJ1206 VISHAY-VJ1206 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1206 VISHAY-VJ1206 Datasheet
134Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 26-Feb-10
More results

Similar Description - VJ1206G102FXSPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com