Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE332BFKR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFE332BFKR
Description  Ceramic High Voltage Disc Capacitors, Class 2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFE332BFKR Datasheet(HTML) 4 Page - Vishay Siliconix

  HFE332BFKR Datasheet HTML 1Page - Vishay Siliconix HFE332BFKR Datasheet HTML 2Page - Vishay Siliconix HFE332BFKR Datasheet HTML 3Page - Vishay Siliconix HFE332BFKR Datasheet HTML 4Page - Vishay Siliconix HFE332BFKR Datasheet HTML 5Page - Vishay Siliconix HFE332BFKR Datasheet HTML 6Page - Vishay Siliconix HFE332BFKR Datasheet HTML 7Page - Vishay Siliconix HFE332BFKR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 22161
For technical questions, contact powcap@vishay.com
www.vishay.com
Revision: 31-Jan-06
33
H..
Ceramic Disc Capacitors, Class 2
Vishay Draloric
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 3 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 2
K 2000
68
± 10 %
± 20 %
7.0 x 4.0
10
0.6
1.8
Z
HCZ680 BC
KR
82
7.0 x 4.0
HCZ820 BC
KR
100
7.0 x 4.0
HCZ101 BC
KR
120
7.0 x 4.0
HCZ121 BC
KR
150
7.0 x 4.0
HCZ151 BC
KR
180
8.0 x 4.0
HCZ181 BC
KR
220
8.0 x 4.0
HCZ221 BC
KR
330
8.0 x 4.0
HCZ331 BC
KR
470
10.0 x 4.0
HCZ471 BC
KR
680
10.0 x 4.0
HCZ681 BC
KR
1000
11.0 x 4.0
0.8
2.0
HCZ102 BC
KR
1200
15.0 x 4.0
HCZ122 BC
KR
1500
15.0 x 4.0
HCZ152 BC
KR
2200
17.0 x 4.0
HCZ222 BC
KR
3300
21.0 x 4.0
HCZ332 BC
KR
4700
21.0 x 4.0
HCZ472 BC
KR
6800
25.0 x 4.0
HCZ682 BC
KR
CLASS 2
K 6000
470
± 20 %
7.0 x 4.0
10
0.6
2.0
E
HCE471 BC
KR
680
8.0 x 4.0
HCE681 BC
KR
1000
9.0 x 4.0
HCE102 BC
KR
1500
11.0 x 4.0
HCE152 BC
KR
2200
11.0 x 4.0
HCE222 BC
KR
3300
15.0 x 4.0
0.8
2.2
HCE332 BC
KR
4700
17.0 x 4.0
HCE472 BC
KR
6800
21.0 x 4.0
HCE682 BC
KR
0.010 µF
25.0 x 4.0
2.5
HCE103 BC
KR
ORDERING CODE
7th digit
Capacitance tolerance
± 10 % = K
± 20 % = M
+ 50 - 20 % = S
10th to 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component


Similar Part No. - HFE332BFKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFE332 VISHAY-HFE332 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
More results

Similar Description - HFE332BFKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com