Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP582DSQ28T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP582DSQ28T1G
Description  Ultra-Fast, Low Noise 150 mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP582DSQ28T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP582DSQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP582DSQ28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP582
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 9. Output Voltage vs. Temperature
Figure 10. Output Voltage vs. Temperature
−15
10
35
60
TEMPERATURE (°C)
85
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
−40
Vout = 1.5 V
−15
10
35
60
TEMPERATURE (°C)
85
2.86
2.84
2.82
2.80
2.78
2.76
2.74
−40
Vout = 2.8 V
Figure 11. Quiescent Current vs. Temperature
Figure 12. Quiescent Current vs. Temperature
90
−15
10
35
60
TEMPERATURE (°C)
85
80
70
60
50
40
30
20
10
0
−40
Vout = 1.5 V
90
−15
10
35
60
TEMPERATURE (°C)
85
80
70
60
50
40
30
20
10
0
−40
Vout = 2.8 V
Figure 13. Dropout Voltage vs. Output Current
25
50
75
100
OUTPUT CURRENT Iout (mA)
150
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
Vout = 1.5 V
125
−40°C
85°C
25°C
Figure 14. Dropout Voltage vs. Output Current
25
50
75
100
OUTPUT CURRENT Iout (mA)
150
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
Vout = 1.8 V
125
−40°C
85°C
25°C


Similar Part No. - NCP582DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP582DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
   150 mA CMOS Low Dropout LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com