Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP582LSQ18T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP582LSQ18T1G
Description  Ultra-Fast, Low Noise 150 mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP582LSQ18T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP582LSQ18T1G Datasheet HTML 4Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 5Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 6Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 7Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 8Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 9Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 10Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 11Page - ON Semiconductor NCP582LSQ18T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCP582
http://onsemi.com
10
APPLICATION INFORMATION
Input Decoupling
A 1.0
mF ceramic capacitor is the recommended value to
be connected between Vin and GND. For PCB layout
considerations, the traces of Vin and GND should be
sufficiently wide in order to minimize noise and prevent
unstable operation.
Output Decoupling
It is best to use a 1.0
mF capacitor value when Vout
t2.5 V and a 0.47 mF when Vout w 2.5 V. For better
performance, select a capacitor with low Equivalent Series
Resistance (ESR). For PCB layout considerations, place
the output capacitor close to the output pin and keep the
leads as short as possible.
Noise Decoupling
The NCP582 series are low noise regulators and reach a
noise level of only 30
mVrms between 10 Hz and 100 kHz.
ORDERING INFORMATION
Device
Output Type / Features
Nominal
Output
Voltage
Marking
Package
Shipping†
NCP582DSQ15T1G
Active High w/Auto Discharge
1.5
SF
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582DSQ18T1G
Active High w/Auto Discharge
1.8
SJ
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582DSQ25T1G
Active High w/Auto Discharge
2.5
TF
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582DSQ28T1G
Active High w/Auto Discharge
2.8
TJ
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582DSQ30T1G
Active High w/Auto Discharge
3.0
UA
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582DSQ33T1G
Active High w/Auto Discharge
3.3
UD
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582LSQ15T1G
Active Low
1.5
JF
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582LSQ18T1G
Active Low
1.8
JJ
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582LSQ25T1G
Active Low
2.5
KF
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582LSQ28T1G
Active Low
2.8
KJ
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582LSQ30T1G
Active Low
3.0
LA
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582LSQ33T1G
Active Low
3.3
LD
SC−82AB (Pb−Free)
3000 Tape & Reel
NCP582DXV15T2G
Active High w/Auto Discharge
1.5
F15D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582DXV18T2G
Active High w/Auto Discharge
1.8
F18D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582DXV25T2G
Active High w/Auto Discharge
2.5
F25D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582DXV28T2G
Active High w/Auto Discharge
2.8
F28D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582DXV29T2G
Active High w/Auto Discharge
2.9
F29D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582DXV30T2G
Active High w/Auto Discharge
3.0
F30D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582DXV33T2G
Active High w/Auto Discharge
3.3
F33D
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV15T2G
Active Low
1.5
F15A
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV18T2G
Active Low
1.8
F18A
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV25T2G
Active Low
2.5
F25A
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV28T2G
Active Low
2.8
F28A
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV29T2G
Active Low
2.9
F29A
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV30T2G
Active Low
3.0
F30A
SOT−563 (Pb−Free)
4000 Tape & Reel
NCP582LXV33T2G
Active Low
3.3
F33A
SOT−563 (Pb−Free)
4000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Other voltages are available. Consult your ON Semiconductor representative.


Similar Part No. - NCP582LSQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP582LSQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
   150 mA CMOS Low Dropout LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com