Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP582LSQ28T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP582LSQ28T1G
Description  Ultra-Fast, Low Noise 150 mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP582LSQ28T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP582LSQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP582LSQ28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP582
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
SOT−563 Pin
SC−82AB Pin
Symbol
Description
1
4
Vin
Power supply inout voltage.
2
2
GND
Power supply ground.
3
3
Vout
Regulated output voltage.
4
NC
No connect.
5
GND
Power supply ground.
6
1
CE or CE
Chip enable pin.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
6.5
V
Input Voltage (CE or CE Pin)
VCE
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Output Current
Iout
200
mA
Power Dissipation
SC−82AB
SOT−563
PD
150
500
mW
ESD Capability, Human Body Model, C = 100 pF, R = 1.5 kW
ESDHBM
2000
V
ESD Capability, Machine Model, C = 200 pF, R = 0 W
ESDMM
200
V
Operating Ambient Temperature Range
TA
−40 to +85
°C
Maximum Junction Temperature
TJ(max)
125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (Vin = Vout + 1.0 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage
Vin
2.0
6.0
V
Output Voltage (Iout = 1.0 mA to 30 mA)
Vout
Vout X 0.980
Vout X 1.020
V
Line Regulation (Iout = 30 mA),
(Vout > 1.7 V; Vout + 0.5 V v Vin v 6.0 V)
(Vout = 1.5 V; 2.2 V v Vin v 6.0 V)
Regline
0.02
0.10
%/V
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
22
40
mV
Dropout Voltage (Iout = 150 mA)
Vout = 1.5 V
Vout = 1.8 V
Vout = 2.5 V
2.8 V v Vout v 3.3 V
VDO
0.38
0.32
0.28
0.22
0.70
0.55
0.50
0.35
V
Quiescent Current (Iout = 0 mA)
Iq
75
95
mA
Output Current
Iout
150
mA
Shutdown Current (VCE = Gnd for Active High with Auto Discharge)
(VCE = Vin for Active Low)
ISD
0.1
1.0
mA
Output Short Circuit Current (Vout = 0)
Ilim
40
mA
Ripple Rejection (Iout = 30 mA)
(Vout > 1.7 V; Vin – Vout = 1.0 V)
(Vout = 1.5 V; Vin – Vout = 1.2 V)
f = 1.0 kHz
f = 10 kHz
RR
70
60
dB
Enable Input Threshold Voltage
High
Low
Vthenh
Vthenl
1.5
0
Vin
0.3
V
Output Noise Voltage (Bandwidth = 10 Hz to 100 kHz)
Vn
30
mVrms
Output Voltage Temperature Coefficient (Iout = 30 mA, −40°C v TA v 85°C)
DVout/DT
"100
ppm/°C
N−Channel On Resistance for Auto Discharge
RLow
60
W


Similar Part No. - NCP582LSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP582LSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
   150 mA CMOS Low Dropout LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com