Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP699SN31T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP699SN31T1G
Description  150 mA CMOS Low Iq LDO with Enable in TSOP-5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP699SN31T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP699SN31T1G Datasheet HTML 1Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 2Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 3Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 4Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 5Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 6Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 7Page - ON Semiconductor NCP699SN31T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 8
1
Publication Order Number:
NCP699/D
NCP699
150 mA CMOS Low Iq LDO
with Enable in TSOP-5
The NCP699 series of fixed output LDO’s are designed for
handheld communication equipment and portable battery powered
applications which require low quiescent current. The NCP699 series
features a very low ground current of 40
mA, independent of load
current. Each device contains a voltage reference unit, an error
amplifier, a PMOS power transistor, internal resistors for setting
output voltage, current limit, and temperature limit protection circuits.
The NCP699 has been designed to be used with low cost capacitors.
The device is housed in the micro−miniature TSOP−5 surface mount
package. Standard voltage versions are 1.3, 1.4, 1.5, 1.8, 2.5, 2.8, 2.9,
3.0, 3.1, 3.3, 3.4, 4.5 and 5.0 V. Other voltages are available in 100 mV
steps.
Features
Enable Control (Active High, Supports Sub 1 V Logic)
Very Low Ground Current of 40 mA Typical
Low Dropout Voltage of 340 mV at 150 mA, and 3.0 V Vout
Multiple Fixed Output Voltage Option
Output Voltage Accuracy of 2.0%
Operating Temperature Range of −40°C to 85°C
Stable with 1 mF Ceramic or Tantalum Capacitors
These are Pb−Free Devices
Typical Applications
Cellular Phones
Battery Powered Consumer Products
Hand−Held Instruments
Camcorders and Cameras
Printers and Office Equipment
Figure 1. Typical Application Diagram
This device contains 86 active transistors
Vout
Battery or
Unregulated
Voltage
Cin
1 mF
Cout
1 mF
OFF
ON
1
2
3
5
4
+
+
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
TSOP−5
(SOT23−5, SC59−5)
SN SUFFIX
CASE 483
PIN CONNECTIONS
1
3
N/C
Vin
2
Gnd
Enable
4
Vout
5
(Top View)
MARKING
DIAGRAM
http://onsemi.com
(Note: Microdot may be in either location)
1
5
1
5
xxx AYWG
G
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package


Similar Part No. - NCP699SN31T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699SN30T1G ONSEMI-NCP699SN30T1G Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCP699SN33T1G ONSEMI-NCP699SN33T1G Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
More results

Similar Description - NCP699SN31T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699 ONSEMI-NCP699 Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com