Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1217AD65R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1217AD65R2G
Description  Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217AD65R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1217AD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NCP1217, NCP1217A
http://onsemi.com
2
Figure 1. Typical Application Example
EMI
FILTER
UNIVERSAL
INPUT
+
+
NCP1217
+
VOUT
Aux.
Adj
FB
CS
Gnd
HV
VCC
Drv
1
2
3
4
8
7
6
5
Ramp Adjustment
See Application
Section
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Description
1
Adj
Adjust the skipping peak current
This pin lets you adjust the level at which the cycle skipping process takes
place. Shorting this pin to ground permanently disables the skip cycle
feature.
By bringing this pin above 3.1 V, you permanently shut off the device.
2
FB
Sets the peak current setpoint
By connecting an optocoupler to this pin, the peak current setpoint is ad-
justed accordingly to the output power demand.
3
CS
Current sense input
This pin senses the primary current and routes it to the internal comparat-
or via an L.E.B. By inserting a resistor in series with the pin, you control
the amount of ramp compensation you need.
4
GND
The IC ground
--
5
Drv
Driving pulses
The driver’s output to an external MOSFET.
6
VCC
Supplies the IC
This pin is connected to an external bulk capacitor of typically 22 mF.
7
NC
--
This unconnected pin ensures adequate creepage distance.
8
HV
Ensures a clean and lossless
startup sequence
Connected to the high--voltage rail, this pin injects a constant current into
the VCC capacitor during the startup sequence.


Similar Part No. - NCP1217AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217AD65R2G ONSEMI-NCP1217AD65R2G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217AD65R2G ONSEMI-NCP1217AD65R2G Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
More results

Similar Description - NCP1217AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com