Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L09ACDG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC78L09ACDG
Description  100 mA Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L09ACDG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC78L09ACDG Datasheet HTML 2Page - ON Semiconductor MC78L09ACDG Datasheet HTML 3Page - ON Semiconductor MC78L09ACDG Datasheet HTML 4Page - ON Semiconductor MC78L09ACDG Datasheet HTML 5Page - ON Semiconductor MC78L09ACDG Datasheet HTML 6Page - ON Semiconductor MC78L09ACDG Datasheet HTML 7Page - ON Semiconductor MC78L09ACDG Datasheet HTML 8Page - ON Semiconductor MC78L09ACDG Datasheet HTML 9Page - ON Semiconductor MC78L09ACDG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VI = 33 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0C < TJ < +125C, unless otherwise noted.)
MC78L24AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25C)
VO
23
24
25
Vdc
Line Regulation
(TJ = +25C, IO = 40 mA)
27.5 Vdc  VI  38 Vdc
28 Vdc  VI  80 Vdc
27 Vdc  VI  38 Vdc
Regline
50
60
300
350
mV
Load Regulation
(TJ = +25C, 1.0 mA  IO  100 mA)
(TJ = +25C, 1.0 mA  IO  40 mA)
Regload
40
20
200
100
mV
Output Voltage
(28 Vdc  VI  38 Vdc, 1.0 mA  IO  40 mA)
(27 Vdc  VI  38 Vdc, 1.0 mA  IO  40 mA)
(28 Vdc  VI = 33 Vdc, 1.0 mA  IO  70 mA)
(27 Vdc  VI  33 Vdc, 1.0 mA  IO  70 mA)
VO
22.8
22.8
25.2
25.2
Vdc
Input Bias Current
(TJ = +25C)
(TJ = +125C)
IIB
3.1
6.5
6.0
mA
Input Bias Current Change
(28 Vdc  VI  38 Vdc)
(1.0 mA  IO  40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25C, 10 Hz  f 100 kHz)
Vn
200
mV
Ripple Rejection
(IO = 40 mA, f = 120 Hz, 29 V  VI  35 V, TJ = +25C)
RR
31
45
dB
Dropout Voltage
(TJ = +25C)
VI − VO
1.7
Vdc


Similar Part No. - MC78L09ACDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L09ACDG ONSEMI-MC78L09ACDG Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L09ACDG ONSEMI-MC78L09ACDG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L09ACDG ONSEMI-MC78L09ACDG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L09ACDG ONSEMI-MC78L09ACDG Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
More results

Similar Description - MC78L09ACDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com