Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45520 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP45520
Description  ecoSWITCH Advanced Load Management
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45520 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP45520 Datasheet HTML 2Page - ON Semiconductor NCP45520 Datasheet HTML 3Page - ON Semiconductor NCP45520 Datasheet HTML 4Page - ON Semiconductor NCP45520 Datasheet HTML 5Page - ON Semiconductor NCP45520 Datasheet HTML 6Page - ON Semiconductor NCP45520 Datasheet HTML 7Page - ON Semiconductor NCP45520 Datasheet HTML 8Page - ON Semiconductor NCP45520 Datasheet HTML 9Page - ON Semiconductor NCP45520 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP45520, NCP45521
http://onsemi.com
7
Figure 4. NCP45520 Typical Application Diagram − Hot Swap
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
Thermal,
Undervoltage
&
Short−Circuit
Protection
Control
Logic
Load
EN
PG
GND
BACKPLANE
REMOVABLE
CARD
GND
BLEED
VOUT
PG
EN
VCC
VIN
RPG
VTERM
VIN
0.5 V − 13.5 V
VCC
3.0 V − 5.5 V
Figure 5. NCP45520 Simplified Application Diagram − Power Sequencing with PG Output
NCP45520−H
Controller
NCP45520−H
PG
RPD
100 kW
PG
RPD
100 kW
RPG
10 kW
VTERM = 3.3 V


Similar Part No. - NCP45520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 1
NCP45520 ONSEMI-NCP45520 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-H ONSEMI-NCP45520IMNTWG-H Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-L ONSEMI-NCP45520IMNTWG-L Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com