Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD32C Datasheet(PDF) 7 Page - ON Semiconductor

Part # MJD32C
Description  Complementary Power Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD32C Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MJD32C Datasheet HTML 3Page - ON Semiconductor MJD32C Datasheet HTML 4Page - ON Semiconductor MJD32C Datasheet HTML 5Page - ON Semiconductor MJD32C Datasheet HTML 6Page - ON Semiconductor MJD32C Datasheet HTML 7Page - ON Semiconductor MJD32C Datasheet HTML 8Page - ON Semiconductor MJD32C Datasheet HTML 9Page - ON Semiconductor MJD32C Datasheet HTML 10Page - ON Semiconductor MJD32C Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MJD31, NJVMJD31T4G, MJD31C, NJVMJD31CT4G (NPN), MJD32, NJVMJD32T4G,
MJD32C, NJVMJD32CG, NJVMJD32CT4G (PNP)
http://onsemi.com
7
TYPICAL CHARACTERISTICS − MJD32, MJD32C (PNP)
1
10
100
1000
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 15. DC Current Gain at VCE = 4 V
VCE = 4 V
25°C
150°C
−55°C
1
10
100
1000
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 16. DC Current Gain at VCE = 2 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.001
0.01
0.1
1
10
VCE = 2 V
25°C
150°C
−55°C
25°C
150°C
−55°C
IC, COLLECTOR CURRENT (A)
Figure 17. Collector−Emitter Saturation
Voltage
IC/IB = 10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
0.1
1
10
25°C
150°C
−55°C
IC, COLLECTOR CURRENT (A)
Figure 18. Base−Emitter Saturation Voltage
IC/IB = 10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.001
0.01
0.1
1
10
VCE = 5 V
25°C
150°C
−55°C
IC, COLLECTOR CURRENT (A)
Figure 19. Base−Emitter “On” Voltage
0
0.4
0.8
1.2
1.6
2
0.01
0.1
1
10
100
1000
IB, BASE CURRENT (mA)
Figure 20. Collector Saturation Region
10 mA
100 mA
500 mA
1 A
IC = 3 A
TA =
25°C


Similar Part No. - MJD32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
   SILICON POWER TRANSISTORS
1998
logo
Foshan Blue Rocket Elec...
MJD32C FOSHAN-MJD32C Datasheet
765Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Jiangsu Changjiang Elec...
MJD32C JIANGSU-MJD32C Datasheet
483Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
More results

Similar Description - MJD32C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com