Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVB0530T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVB0530T1G
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB0530T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVB0530T1G Datasheet HTML 1Page - ON Semiconductor NRVB0530T1G Datasheet HTML 2Page - ON Semiconductor NRVB0530T1G Datasheet HTML 3Page - ON Semiconductor NRVB0530T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR0530, NRVB0530
http://onsemi.com
3
180
160
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Capacitance
510
15
20
30
25
140
120
100
0
TYPICAL CAPACITANCE AT 0 V = 170 pF
40
60
80
1
0.875
0
LEAD TEMPERATURE (
°C)
Figure 4. Current Derating (Lead)
67
74
81
88
130
95
0.75
0.625
0.5
60
0.125
0.25
0.375
123
116
109
102
DC
SQUARE WAVE
=
p
= 5
= 10
Ipk/Iav = 20
0.35
0.315
0
IF(AV), AVERAGE FORWARD CURRENT (AMP)
Figure 5. Power Dissipation
0.1
0.2
0.3
0.4
0.8
0.5
0.28
0.245
0.21
0
0.105
0.14
0.175
0.7
0.6
DC
SQUARE WAVE
=
p
= 5
= 10
Ipk/Iav = 20
0.07
0.035
TJ = 125°C


Similar Part No. - NRVB0530T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB0530T1G ONSEMI-NRVB0530T1G Datasheet
65Kb / 4P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 8
More results

Similar Description - NRVB0530T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com