Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD16N03L Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RFD16N03L
Description  16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N03L Datasheet(HTML) 6 Page - Fairchild Semiconductor

  RFD16N03L Datasheet HTML 1Page - Fairchild Semiconductor RFD16N03L Datasheet HTML 2Page - Fairchild Semiconductor RFD16N03L Datasheet HTML 3Page - Fairchild Semiconductor RFD16N03L Datasheet HTML 4Page - Fairchild Semiconductor RFD16N03L Datasheet HTML 5Page - Fairchild Semiconductor RFD16N03L Datasheet HTML 6Page - Fairchild Semiconductor RFD16N03L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5-36
RFD16N03L, RFD16N03LSM
Test Circuits and Waveforms
FIGURE 16. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 17. UNCLAMPED ENERGY WAVEFORMS
FIGURE 18. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
tP
VGS
0.01
L
IL
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
VDD
VDS
VGS
0V
RGS
DUT
RL
tON
tD(ON)
tR
90%
10%
VDS
90%
10%
tF
tD(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS


Similar Part No. - RFD16N03L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N03LSM INTERSIL-RFD16N03LSM Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFD16N03L

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RF1K49088 FAIRCHILD-RF1K49088 Datasheet
153Kb / 7P
   3.5A, 30V, Avalanche Rated, Logic Level, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Intersil Corporation
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
logo
Fairchild Semiconductor
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Siemens Semiconductor G...
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com