Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD16N05 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RFD16N05
Description  16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N05 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  RFD16N05 Datasheet HTML 1Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 2Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 3Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 4Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 5Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 6Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 7Page - Fairchild Semiconductor RFD16N05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFD16N05, RFD16N05SM Rev. B
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORM
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
IG(REF)
0
0
RFD16N05, RFD16N05SM


Similar Part No. - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N05 INTERSIL-RFD16N05 Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Guangdong Youtai Semico...
RFD16N05 UMW-RFD16N05 Datasheet
491Kb / 6P
   60V N-Channel MOSFET
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
RFP25N05 INTERSIL-RFP25N05 Datasheet
104Kb / 8P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP25N05 NJSEMI-RFP25N05 Datasheet
100Kb / 2P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com