Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP14N05L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RFP14N05L
Description  14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFP14N05L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RFP14N05L Datasheet HTML 1Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 2Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 3Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 4Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 5Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 6Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 7Page - Fairchild Semiconductor RFP14N05L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFD14N05L, RFD14N05LSM, RFP14N05L Rev. B
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD14N05L, RFD14N05LSM,
RFP14N05L
UNITS
Drain to Source Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
± 10
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
14
Refer to Peak Current Curve
A
Pulsed Avalanche Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
48
0.32
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, Figure 13
50
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, Figure12
1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 40V, VGS = 0V
-
-
1
µA
VDS = 40V, VGS = 0V, TC = 150
oC-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 14A, VGS = 5V, Figures 9, 11
-
-
0.100
Turn-On Time
t(ON)
VDD = 25V, ID = 7A,
RL = 3.57Ω, VGS = 5V,
RGS = 0.6Ω
-
-
60
ns
Turn-On Delay Time
td(ON)
-13
-
ns
Rise Time
tr
-24
-
ns
Turn-Off Delay Time
td(OFF)
-42
-
ns
Fall Time
tf
-16
-
ns
Turn-Off Time
t(OFF)
-
-
100
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 40V, ID = 14A,
RL = 2.86Ω
Figures 20, 21
-
-
40
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
-
25
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
-
1.5
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
Figure 14
-
670
-
pF
Output Capacitance
COSS
-
185
-
pF
Reverse Transfer Capacitance
CRSS
-50
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
3.125
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252
-
-
100
oC/W
RθJA
TO-220
-
-
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 14A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 14A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current
Capability Curve (Figure 5).
RFD14N05L, RFD14N05LSM, RFP14N05L


Similar Part No. - RFP14N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP14N05L INTERSIL-RFP14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP14N05L FAIRCHILD-RFP14N05L Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFP14N05L FAIRCHILD-RFP14N05L Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP14N05L VBSEMI-RFP14N05L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
Inchange Semiconductor ...
RFP14N05L ISC-RFP14N05L Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RFP14N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD14N05LSM9A FAIRCHILD-RFD14N05LSM9A Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L_04 Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com