Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD24061 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD24061
Description  Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD24061 Datasheet(HTML) 2 Page - ON Semiconductor

  NTD24061 Datasheet HTML 1Page - ON Semiconductor NTD24061 Datasheet HTML 2Page - ON Semiconductor NTD24061 Datasheet HTML 3Page - ON Semiconductor NTD24061 Datasheet HTML 4Page - ON Semiconductor NTD24061 Datasheet HTML 5Page - ON Semiconductor NTD24061 Datasheet HTML 6Page - ON Semiconductor NTD24061 Datasheet HTML 7Page - ON Semiconductor NTD24061 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD24N06
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
71.1
70.4
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
3.03
7.0
4.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 10 Vdc, ID = 10 Adc)
(VGS = 10 Vdc, ID = 12 Adc)
RDS(on)
32
32
42
m
W
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 10 Vdc, ID = 20 Adc)
(VGS = 10 Vdc, ID = 24 Adc)
(VGS = 10 Vdc, ID = 12 Adc, TJ = 150°C)
VDS(on)
0.8
0.8
0.7
1.15
Vdc
Forward Transconductance (Note 3) (VDS = 7.0 Vdc, ID = 12 Adc)
gFS
15
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
846
1200
pF
Output Capacitance
Coss
252
350
Transfer Capacitance
Crss
68
95
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 24 Adc,
VGS = 10 Vdc,
RG = 9.1 W) (Note 3)
td(on)
10
20
ns
Rise Time
tr
24
50
Turn−Off Delay Time
td(off)
25
50
Fall Time
tf
27
60
Gate Charge
(VDS = 48 Vdc, ID = 24 Adc,
VGS = 10 Vdc) (Note 3)
QT
24
48
nC
Q1
5.0
Q2
11.5
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
(IS = 24 Adc, VGS = 0 Vdc)
(IS = 24 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
0.95
1.0
0.89
1.15
Vdc
Reverse Recovery Time
(IS = 24 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
trr
49
ns
ta
35
tb
13
Reverse Recovery Stored Charge
QRR
0.096
mC
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Package
Shipping
NTD24N06
DPAK
75 Units / Rail
NTD24N06G
DPAK
(Pb−Free)
75 Units / Rail
NTD2406−1
DPAK (Straight Lead)
75 Units / Rail
NTD2406−1G
DPAK (Straight Lead)
(Pb−Free)
75 Units / Rail
NTD24N06T4
DPAK
2500 Tape & Reel
NTD24N06T4G
DPAK
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD24061

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2406-1 ONSEMI-NTD2406-1 Datasheet
125Kb / 8P
   Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
NTD2406-1G ONSEMI-NTD2406-1G Datasheet
126Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 5
NTD2406.1 ONSEMI-NTD2406.1 Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
NTD2406.1G ONSEMI-NTD2406.1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
More results

Similar Description - NTD24061

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NGD8205N ONSEMI-NGD8205N Datasheet
142Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N?묬hannel DPAK
August, 2006 ??Rev. 7
MTD2N50E ONSEMI-MTD2N50E Datasheet
152Kb / 12P
   N?묬hannel DPAK Power MOSFET
August, 2004 ??Rev. XXX
MTD4N20E ONSEMI-MTD4N20E Datasheet
264Kb / 12P
   N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
NTD6N40 ONSEMI-NTD6N40 Datasheet
128Kb / 3P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD3302 ONSEMI-MTD3302 Datasheet
283Kb / 12P
   N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
MTD2N40E ONSEMI-MTD2N40E Datasheet
265Kb / 10P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD1312 ONSEMI-MTD1312 Datasheet
283Kb / 11P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com