Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD16N05SM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RFD16N05SM
Description  16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N05SM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RFD16N05SM Datasheet HTML 1Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 2Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 3Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 4Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 5Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 6Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 7Page - Fairchild Semiconductor RFD16N05SM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFD16N05, RFD16N05SM Rev. B
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD16N05, RFD16N05SM,
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
50
V
Drain to Gate Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
16
Refer to Peak Current Curve
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
± 20
V
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS
Refer to Figure 5
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate above 25oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
72
0.48
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
50
-
-
V
Gate Threshold Voltage
VGS(TH) VGS = VDS, ID = 250µA2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
1
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V,
TC = 150
oC
--
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 16A, VGS = 10V (Figure 9)
-
-
0.047
Turn-On Time
t(ON)
VDD = 25V, ID = 8A, RL = 3.125Ω,
VGS = 10V, RGS = 25Ω
(Figure 13)
-
-
65
ns
Turn-On Delay Time
td(ON)
-14
-
ns
Rise Time
tr
-30
-
ns
Turn-Off Delay Time
td(OFF)
-55
-
ns
Fall Time
tf
-30
-
ns
Turn-Off Time
t(OFF)
-
-
125
ns
Total Gate Charge
Qg(TOT) VGS = 0V to 20V
VDD = 40V, ID 16A,
RL = 2.5Ω
Ig(REF) = 0.8mA
(Figure 13)
-
-
80
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
-
45
nC
Threshold Gate Charge
Q(TH)
VGS = 0V to 2V
-
-
2.2
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 12)
-
900
-
pF
Output Capacitance
COSS
-
325
-
pF
Reverse Transfer Capacitance
CRSS
-
100
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
2.083
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252
-
-
100
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 16A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 16A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulse test: pulse width
≤ 250µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3) and Peak Current
Capability Curve (Figure 5).
RFD16N05, RFD16N05SM


Similar Part No. - RFD16N05SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N05SM INTERSIL-RFD16N05SM Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05SM FAIRCHILD-RFD16N05SM Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD16N05SM VBSEMI-RFD16N05SM Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - RFD16N05SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
RFP25N05 INTERSIL-RFP25N05 Datasheet
104Kb / 8P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP25N05 NJSEMI-RFP25N05 Datasheet
100Kb / 2P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com