Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD78N0335G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD78N0335G
Description  Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD78N0335G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD78N0335G Datasheet HTML 1Page - ON Semiconductor NTD78N0335G Datasheet HTML 2Page - ON Semiconductor NTD78N0335G Datasheet HTML 3Page - ON Semiconductor NTD78N0335G Datasheet HTML 4Page - ON Semiconductor NTD78N0335G Datasheet HTML 5Page - ON Semiconductor NTD78N0335G Datasheet HTML 6Page - ON Semiconductor NTD78N0335G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTD78N03
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
24
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
1.5
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
1.6
3.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
−5.0
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 78 A
4.6
6.0
m
W
VGS = 4.5 V, ID = 36 A
6.5
7.8
Forward Transconductance
gFS
VDS = 10 V, ID = 15 A
22
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 12 V
1920
2250
pF
Output Capacitance
Coss
960
Reverse Transfer Capacitance
Crss
420
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 20 V,
ID = 20 A
25.5
35
nC
Threshold Gate Charge
QG(TH)
2.4
Gate−to−Source Charge
QGS
5.3
Gate−to−Drain Charge
QGD
18.2
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 20 V,
ID = 20 A, RG = 3.0 W
11
ns
Rise Time
tr
68
Turn−Off Delay Time
td(off)
23
Fall Time
tf
42
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 20 A
TJ = 25°C
0.83
1.0
V
TJ = 125°C
0.7
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 20 A
39
ns
Charge Time
ta
17.8
Discharge Time
tb
21
Reverse Recovery Time
QRR
33
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
Ta = 25C
2.49
nH
Drain Inductance
LD
0.02
Gate Inductance
LG
3.46
Gate Resistance
RG
1.0
W
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD78N0335G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD78N03 ONSEMI-NTD78N03 Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTD78N03-001 VBSEMI-NTD78N03-001 Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD78N03-035 VBSEMI-NTD78N03-035 Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
More results

Similar Description - NTD78N0335G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03R ONSEMI-NTD78N03R Datasheet
215Kb / 8P
   Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
August, 2006 ??Rev. 4
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com