Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM0204VD1BB3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SMM0204VD1BB3
Description  Thin Film Mini-MELF Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204VD1BB3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SMM0204VD1BB3 Datasheet HTML 1Page - Vishay Siliconix SMM0204VD1BB3 Datasheet HTML 2Page - Vishay Siliconix SMM0204VD1BB3 Datasheet HTML 3Page - Vishay Siliconix SMM0204VD1BB3 Datasheet HTML 4Page - Vishay Siliconix SMM0204VD1BB3 Datasheet HTML 5Page - Vishay Siliconix SMM0204VD1BB3 Datasheet HTML 6Page - Vishay Siliconix SMM0204VD1BB3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 20004
34
Revision: 16-Sep-11
SMM0204
Vishay Draloric
Thin Film Mini-MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
100K
10K
1K
100R
10R
10
100
1K
3K
Resistance Value in
Ω
Single pulse high voltage overload capability
1.2/50 acc. EN 60115-1, 4.27
100K
10K
1K
100R
10R
10
100
1K
3K
Resistance Value in
Ω
Single pulse high voltage overload capability
10/700 acc. EN 60115-1, 4.27
10
1
10-1
10-2
10-3
10-4
10-5
0.1
1
10
100
1000
SMM0204
Pulse Rating
P ≤ P
70
Square Pulse
t
i in s
Secondary conditions:
a)
P ≤ P
70
(permissible constant
power at
ϑ
u ≤ 70 °C)
b)
ϑ
u ≤ 70 °C
c)
U
max. see diagram
(max. pulse voltage)
Pulse Rating
P
0
10
1
10
-1
10
-2
10
-3
10
-4
10
-5
0.1
1
10
100
1000
Square Pulse
t
i in s
SMM0204
Secondary conditions:
a)
P 0 (peak pulse, single pulse)
b)
ϑ
u ≤ 70 °C
c)
U
max. see diagram (max. pulse voltage)
0
200
400
600
Square Pulse
t
i in s
Maximum Pulse Voltage
800
1000
10
1
10
-1
10
-2
10
-3
10
-4
10
-5
SMM0204 -MS1
Secondary conditions:
a)
P see diagram (pulse rating)
b)
ϑ
u ≤ 70 °C


Similar Part No. - SMM0204VD1BB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204VD1BB3 VISHAY-SMM0204VD1BB3 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

Similar Description - SMM0204VD1BB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com