Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP3055LE Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RFP3055LE
Description  11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFP3055LE Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RFP3055LE Datasheet HTML 1Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 2Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 3Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 4Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 5Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 6Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 7Page - Fairchild Semiconductor RFP3055LE Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD3055LE, RFD3055LESM,
RFP3055LE
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±16
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
11
Refer to Peak Current Curve
A
Single Pulse Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
38
0.25
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
60
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA1
-
3
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 8A, VGS = 5V (Figure 11)
-
-
0.107
Turn-On Time
tON
VDD 30V, ID = 8A,
VGS = 4.5V, RGS = 32Ω
(Figures 10, 18, 19)
-
-
170
ns
Turn-On Delay Time
td(ON)
-8
-
ns
Rise Time
tr
-
105
-
ns
Turn-Off Delay Time
td(OFF)
-22
-
ns
Fall Time
tf
-39
-
ns
Turn-Off Time
tOFF
-
-
92
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V, ID = 8A,
Ig(REF) = 1.0mA
(Figures 20, 21)
-
9.4
11.3
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
5.2
6.2
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
0.36
0.43
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 14)
-
350
-
pF
Output Capacitance
COSS
-
105
-
pF
Reverse Transfer Capacitance
CRSS
-23
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
3.94
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-220AB
-
-
62
oC/W
TO-251AA, TO-252AA
-
-
100
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 8A
-
1.25
V
Diode Reverse Recovery Time
trr
ISD = 8A, dISD/dt = 100A/µs
-
66
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current
Capability Curve (Figure 5).
RFD3055LE, RFD3055LESM, RFP3055LE


Similar Part No. - RFP3055LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP3055LE INTERSIL-RFP3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP3055LE VBSEMI-RFP3055LE Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
More results

Similar Description - RFP3055LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407D3 INTERSIL-HUF76407D3 Datasheet
334Kb / 9P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
   4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com