Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3443BDV-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3443BDV-T1-E3
Description  P-Channel 2.5-V (G-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3443BDV-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3443BDV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI3443BDV-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si3443BDV
Document Number: 72749
S-09-0660-Rev. C, 20-Apr-09
www.vishay.com
1
P-Channel 2.5-V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 20
0.060 at VGS = - 4.5 V
- 4.7
0.090 at VGS = - 2.7 V
- 3.8
0.100 at VGS = - 2.5 V
- 3.7
TSOP-6
Top V iew
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3443BDV-T1-E3 (Lead (Pb)-free)
Si3443BDV-T1-GE3 (Lead (Pb)-free and Halogen-free)
Part Marking Code:
3B
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
Notes
a. Surface Mounted on FR4 board, t
≤ 5 s.
For SPICE model information via the Worldwide Web: www.vishay.com/www/product/spice.htm
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 4.7
- 3.6
A
TA = 70 °C
- 3.8
- 2.8
Pulsed Drain Current
IDM
- 20
Continuous Source Current (Diode Conduction)a
IS
- 1.7
- 0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.0
1.1
W
TA = 70 °C
1.3
0.7
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
50
62.5
°C/W
Steady State
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
36


Similar Part No. - SI3443BDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3443BDV-T1-E3 VBSEMI-SI3443BDV-T1-E3 Datasheet
449Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3443BDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com