Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1S45N06 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RF1S45N06
Description  45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF1S45N06 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  RF1S45N06 Datasheet HTML 1Page - Fairchild Semiconductor RF1S45N06 Datasheet HTML 2Page - Fairchild Semiconductor RF1S45N06 Datasheet HTML 3Page - Fairchild Semiconductor RF1S45N06 Datasheet HTML 4Page - Fairchild Semiconductor RF1S45N06 Datasheet HTML 5Page - Fairchild Semiconductor RF1S45N06 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3-38
RFG45N06, RFP45N06, RF1S45N06, RF1S45N06SM
Temperature Compensated PSPICE Model for the
RFG45N06, RFP45N06, RF1S45N06, RF1S45N06SM
.SUBCKT RFP45N06213
REV 1/18/93
*NOM TEMP = +25oC
CA 12 8 3.49E-9
CB 15 14 3.8E-9
CIN 6 8 2E-9
DBODY 7 5 DBDMOD
DBREAK 5 11DBKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 66.5
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTO 20 6 18 8 1
IT 8 17 1
LDRAIN 2 5 1E-9
LGATE 1 9 5.65E-9
LSOURCE 3 7 4.13E-9
MOS1 16 6 8 8 MOSMOD M=0.99
MOS2 16 21 8 8 MOSMOD M=0.01
RBREAK 17 18 RBKMOD 1
RDRAIN 5 16 RDSMOD 3.58E-3
RGATE 9 20 0.681
RIN 6 8 1E9
RSOURCE 8 7 RDSMOD 13.6E-3
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 0.92
.MODEL DBDMOD D (IS=8.2E-13 RS=7.86E-3 TRS1=2.26E-3 TRS2=2.90E-6 CJO=2.07E-9 TT=5.72E-8)
.MODEL DBKMOD D (RS=1.93E-1 TRS1=5.13E-4 TRS2=-2.15E-5)
.MODEL DPLCAPMOD D (CJO=1.25E-9 IS=1E-30 N=10)
.MODEL MOSMOD NMOS (VTO=3.862 KP=55.57 IS=1E-30 N=10 TOX=1 L=1U W=1U)
.MODEL RBKMOD RES (TC1=1.12E-3 TC2=-5.18E-7)
.MODEL RDSMOD RES (TC1=4.64E-3 TC2=1.58E-5)
.MODEL RVTOMOD RES (TC1=-4.27E-3 TC2=-6.55E-6)
.MODEL S1AMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=-6.5 VOFF=-1.7)
.MODEL S1BMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=-1.7 VOFF=-6.5)
.MODEL S2AMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=-3.0 VOFF=2)
.MODEL S2BMOD VSWITCH (RON=1E-5 ROFF=0.1 VON=2.0 VOFF=-3.0)
.ENDS
NOTE: For further discussion of the PSPICE model consult A New PSPICE Sub-circuit for the Power MOSFET Featuring Global
Temperature Options; authors, William J. Hepp and C. Frank Wheatley.
10
DPLCAP
RDRAIN
DBREAK
LDRAIN
DRAIN
SOURCE
LSOURCE
DBODY
RBREAK
RVTO
VBAT
+
-
19
IT
RSOURCE
EBREAK
MOS2
EDS
EGS
RIN
CIN
VTO
ESG
S1A
S2A
S2B
S1B
CB
CA
EVTO
RGATE
GATE
LGATE
5
2
18
17
7
11
21
8
6
16
20
9
1
12
15
14
13
13
8
14
13
+
-
+
-
+
-
-
+
-
-
MOS1
3
6
8
5
8
18
8
6
8
17
18


Similar Part No. - RF1S45N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1S45N06LESM INTERSIL-RF1S45N06LESM Datasheet
427Kb / 8P
   45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
RF1S45N06SM INTERSIL-RF1S45N06SM Datasheet
73Kb / 8P
   45A, 60V, 0.028 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RF1S45N06SM FAIRCHILD-RF1S45N06SM Datasheet
381Kb / 8P
   45A, 60V, 0.028 Ohm, N-Channel Power
More results

Similar Description - RF1S45N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
   TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com