Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG508FBNZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG508FBNZ
Description  8-Channel/4-Channel Fault-Protected Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508FBNZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG508FBNZ Datasheet HTML 2Page - Analog Devices ADG508FBNZ Datasheet HTML 3Page - Analog Devices ADG508FBNZ Datasheet HTML 4Page - Analog Devices ADG508FBNZ Datasheet HTML 5Page - Analog Devices ADG508FBNZ Datasheet HTML 6Page - Analog Devices ADG508FBNZ Datasheet HTML 7Page - Analog Devices ADG508FBNZ Datasheet HTML 8Page - Analog Devices ADG508FBNZ Datasheet HTML 9Page - Analog Devices ADG508FBNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG508F/ADG509F
Rev. F | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A0 1
EN 2
VSS 3
S1 4
A1
16
A2
15
GND
14
VDD
13
S2 5
S3 6
S4 7
S5
12
S6
11
S7
10
D 8
S8
9
ADG508F
TOP VIEW
(Not to Scale)
Figure 3. ADG508F Pin Configuration
Table 5. ADG508F Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the device is disabled and all switches are off. When high,
Ax logic inputs determine on switches.
3
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected
to ground.
4
S1
Source Terminal 1. This pin can be an input or an output.
5
S2
Source Terminal 2. This pin can be an input or an output.
6
S3
Source Terminal 3. This pin can be an input or an output.
7
S4
Source Terminal 4. This pin can be an input or an output.
8
D
Drain Terminal. This pin can be an input or an output.
9
S8
Source Terminal 8. This pin can be an input or an output.
10
S7
Source Terminal 7. This pin can be an input or an output.
11
S6
Source Terminal 6. This pin can be an input or an output.
12
S5
Source Terminal 5. This pin can be an input or an output.
13
VDD
Most Positive Power Supply Potential.
14
GND
Ground (0 V) Reference.
15
A2
Logic Control Input.
16
A1
Logic Control Input.


Similar Part No. - ADG508FBNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results

Similar Description - ADG508FBNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
   8-Channel Fault-Protected Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com