Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM690A Datasheet(PDF) 7 Page - Analog Devices

Part # ADM690A
Description  Microprocessor Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690A Datasheet(HTML) 7 Page - Analog Devices

  ADM690A Datasheet HTML 1Page - Analog Devices ADM690A Datasheet HTML 2Page - Analog Devices ADM690A Datasheet HTML 3Page - Analog Devices ADM690A Datasheet HTML 4Page - Analog Devices ADM690A Datasheet HTML 5Page - Analog Devices ADM690A Datasheet HTML 6Page - Analog Devices ADM690A Datasheet HTML 7Page - Analog Devices ADM690A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADM690A/ADM692A/ADM802L/M/ADM805L/M
–7–
REV. 0
If the watchdog timer is not needed, the WDI input should be
left floating.
The Power Fail Input, PFI, monitors the input power supply via
a resistive divider network. The voltage on the PFI input is
compared with a precision 1.25 V internal reference. If the input
voltage drops below 1.25 V, a power fail output (PFO) signal is
generated. This warns of an impending power failure and may
be used to interrupt the processor so that the system may be
shut down in an orderly fashion. The resistors in the sensing
network are ratioed to give the desired power fail threshold
voltage VT.
VT = (1.25 R1/R2) + 1.25 V
R1/R2 = (VT/1.25) – 1
Alternate Watchdog Input Drive Circuits
The watchdog feature can be enabled and disabled under
program control by driving WDI with a 3-state buffer. When
three-stated, the WDI input will float thereby disabling the
watchdog timer.
High Capacity Backup Capacitors
High capacity (0.1
µF or greater) capacitors may be used as a
backup power source. A typical application is shown in Fig-
ure 12.
VCC
VOUT
RESET
RESET
*
GND
VBATT
+5V
+
0.1F
TO STATIC RAM
TO µP
*FOR ADM805L/ADM805M ONLY
Figure 12. High Capacity Capacitor
Operation Without a Backup Supply
If a backup power source is not used, VBATT should be con-
nected to GND and VOUT should be connected to VCC.
Replacing the Backup Battery
The backup battery may be replaced without any danger of
spurious resetting when VCC is present. Since VCC is above the
reset threshold, a reset will not occur even if VBATT is floating
while a replacement battery is being inserted. This differs from
older generation products where leakage currents flowing out
VBATT could cause spurious resetting during battery replacement.
Ps With Bidirectional RESET
In order to prevent contention for microprocessors with a
bidirectional reset line, a current limiting resistor should be
inserted between the ADM69xA/ADM80xx RESET output pin
and the
µP reset pin. This will limit the current to a safe level if
there are conflicting output reset levels. A suitable resistor value
is 4.7 k
Ω. If the reset output is required for other uses, then it
should be buffered as shown in Figure 13.
RESET
µP
VCC
GND
+5V
RESET
GND
ADM690A
ADM692A
ADM802L
ADM802M
BUFFERED
RESET
Figure 13. Bidirectional Reset


Similar Part No. - ADM690A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AAN AD-ADM690AAN Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AARM AD-ADM690AARM Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AARN AD-ADM690AARN Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AARNZ AD-ADM690AARNZ Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits ADM690A/ADM692A/ADM802L/M/ADM805L/M
REV. 0
More results

Similar Description - ADM690A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com