Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP60P03 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RFP60P03
Description  60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFP60P03 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RFP60P03 Datasheet HTML 1Page - Fairchild Semiconductor RFP60P03 Datasheet HTML 2Page - Fairchild Semiconductor RFP60P03 Datasheet HTML 3Page - Fairchild Semiconductor RFP60P03 Datasheet HTML 4Page - Fairchild Semiconductor RFP60P03 Datasheet HTML 5Page - Fairchild Semiconductor RFP60P03 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-55
RFG60P03, RFP60P03, RF1S60P03, RF1S60P03SM
FIGURE 13. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves (Continued)
-200
-100
-10
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = +150
oC
STARTING TJ = +25
oC
If R = 0
tAV = (L) (IAS) / (1.3RATED BVDSS - VDD)
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
If R
≠ 0
tP
VGS
0.01
L
IL
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
VDD
RL
VDS
DUT
RGS
0V
VGS
tD(ON)
tR
90%
10%
VDS
90%
10%
tF
tD(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON


Similar Part No. - RFP60P03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP60P03 INTERSIL-RFP60P03 Datasheet
88Kb / 7P
   60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFP60P03

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTK90P20P IXYS-IXTK90P20P Datasheet
130Kb / 5P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Unisonic Technologies
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
   -60A, -30V, P-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
RFD16N03L FAIRCHILD-RFD16N03L Datasheet
130Kb / 7P
   16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com