Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2020FCT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR2020FCT
Description  20 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR2020FCT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR2020FCT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR2020FCT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
20 Amp
Features
High Surge Capacity
Low Forward Voltage Drop
High Current Capability, High Efficiency
Marking : type number
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2020
FCT
20V
14V
20V
MBR2030
FCT
30V
21V
30V
MBR2035
FCT
35V
24.5V
35V
MBR2040
FCT
40V
28V
40V
MBR2045
FCT
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TA = 120
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
2020
FCT-2045FCT
2060
FCT
VF
.70V
.80V
2020
FCT-2045FCT
2060
FCT
.84V
.95V
2080
FCT-20100FCT
.95V
IFM = 20A;
TA =25
°C
IFM = 10A;
TA =25
°C
2080
FCT-20100FCT
.85V
2020
FCT-2045FCT
2060
FCT
.72V
.85V
2080
FCT-20100FCT
.85V
IFM = 20A;
TA =125
°C
MBR20100
FCT
100V
70V
100V
MBR2080
FCT
80V
56V
80V
MBR2060
FCT
60V
42V
60V
IR
20 to 100 Volts
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
2020
FCT~2045FCT
2060
FCT~20100FCT
2020
FCT~2045FCT
2060
FCT~20100FCT
TA = 25°C
TA = 125°C
0.1mA
0.15mA
50mA
150mA
Barrier Rectifier
Schottky
MBR2020FCT
MBR20100FCT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
ITO-220AB
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
www.kersemi.com


Similar Part No. - MBR2020FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020FCT MCC-MBR2020FCT Datasheet
1Mb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR2020FCT CTC-MBR2020FCT Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR2020FCT MCC-MBR2020FCT Datasheet
176Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   High Surge Capacity
More results

Similar Description - MBR2020FCT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
   20 Amp 20 to 100 Volts Barrier Rectifier Schottky
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT_11 Datasheet
467Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com