Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFG60P06E Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RFG60P06E
Description  60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFG60P06E Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RFG60P06E Datasheet HTML 1Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 2Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 3Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 4Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 5Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 6Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 7Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFG60P06E Rev. B
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
-50
-40
-30
-20
-10
0
25
50
75
100
125
150
175
TC , CASE TEMPERATURE (
oC)
-60
-70
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t , RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.01
0.02
0.05
0.1
0.2
0.5
SINGLE PULSE
-500
-100
-10
-1
-1
-10
-60
VDS , DRAIN TO SOURCE VOLTAGE (V)
1ms
100
µs
10ms
100ms
VDSS MAX = -60V
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
TC = 25
oC
DC
10-5
10-4
10-3
10-2
10-1
100
101
-100
-103
t , PULSE WIDTH (ms)
-50
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
175
T
C
150
------------------------



=
TC = 25
oC
VGS = -10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
RFG60P06E


Similar Part No. - RFG60P06E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
More results

Similar Description - RFG60P06E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
RFT1P06E INTERSIL-RFT1P06E Datasheet
82Kb / 8P
   1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
   60A, 60V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com