Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFG70N06 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RFG70N06
Description  70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFG70N06 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RFG70N06 Datasheet HTML 1Page - Fairchild Semiconductor RFG70N06 Datasheet HTML 2Page - Fairchild Semiconductor RFG70N06 Datasheet HTML 3Page - Fairchild Semiconductor RFG70N06 Datasheet HTML 4Page - Fairchild Semiconductor RFG70N06 Datasheet HTML 5Page - Fairchild Semiconductor RFG70N06 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3-54
RFG70N06, RFP70N06, RF1S70N06, RF1S70N06SM
FIGURE 7. NORMALIZED rDS(ON) vs JUNCTION
TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN-SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED POWER DISSIPATION vs TEMPERA-
TURE DERATING CURVE
FIGURE 11. TYPICAL CAPACITANCE vs VOLTAGE
FIGURE 12. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT. REFER TO HARRIS
APPLICATION NOTES AN7254 AND AN7260
Typical Performance Curves (Continued)
ID = 70A
VGS = 10V,
PULSE DURATION = 250
µs,
0.0
0.5
1.0
1.5
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
2.0
2.5
-80
-40
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
VGS = VDS, ID = 250µA
TJ, JUNCTION TEMPERATURE (
oC)
200
ID = 250µA
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
TC, CASE TEMPERATURE (
oC)
0.0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
VGS = 0V, FREQUENCY (f) = 1MHz
5000
1000
0
0
5
10
15
20
25
4000
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
CISS
COSS
CRSS
3000
2000
45
30
15
0
20
I
GREF
()
I
GACT
()
---------------------
t, TIME (
µs)
80
I
GREF
()
I
GACT
()
---------------------
10
5.0
2.5
0
VDD = BVDSS
VDD = BVDSS
RL = 0.86Ω
IG(REF) = 2.2mA
VGS = 10V
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
60
7.5


Similar Part No. - RFG70N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG70N06 INTERSIL-RFG70N06 Datasheet
71Kb / 8P
   70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFG70N06 ISC-RFG70N06 Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
RFG70N06 VBSEMI-RFG70N06 Datasheet
969Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - RFG70N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
   TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com