Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A6 Datasheet(PDF) 5 Page - Formosa MS

Part # 1A6
Description  1.0A Axial Leaded General Purpose Rectifers - 50V-1000V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1A6 Datasheet(HTML) 5 Page - Formosa MS

  1A6 Datasheet HTML 1Page - Formosa MS 1A6 Datasheet HTML 2Page - Formosa MS 1A6 Datasheet HTML 3Page - Formosa MS 1A6 Datasheet HTML 4Page - Formosa MS 1A6 Datasheet HTML 5Page - Formosa MS 1A6 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
789
8
8
08


0 
8

8

8


0  
00

8
 !2
"#$0 $

%
&
'''
()*+)*'
),5*'*,'
5'&
'''


-./0.1245
67689:;67<
=
=
=
=
>?
?
@A


BBB
C
DE=DF1=F
GD=
8#A
++,%%,(,,,
H A
++,%%,(,)
7DGI=3J?
7
FFI3K71?
3
3LM
F3K71?
3 3LM
FM
DJ
0123
5NOOP1QPRQSP/02TU/.VW
T
P1V./1.T
RP/W
XOU/.YP11P1

#31KC
E33?
3=@3E1?
IE3@EDC
M
[
3B1L3%FD[
K3EM
J2
' ' )' ,' +' '' ')' ,' +' '' ')'
M
=33G
'
'
)'
,'
+'
''
'
)'
,'
+'
''
'
)'
,'
+'
0E3>31?
\1]2E1KM
3J?^ 
F
031!
\1]B3[
[
?
M
=35\1]
DD[7DBJ
\1]2E1KM
3J?
%)^ 
F
I223F?
3K2E1KM
3J?^ 
FDE
[
3FF
%
031!FD[
K3EM
J2?
3=@3E1?
IE3JD?
?
D3]G33K,'^
7%'
''+
'
'
''
'_
'
,
`ab
cdfgchghigjgkcdlmknopgqgrs
b
t
b
gkp
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1A6

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1A6 DEC-1A6 Datasheet
681Kb / 2P
   Low reverse leakage
logo
Pan Jit International I...
1A6 PANJIT-1A6 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diode Semiconductor Kor...
1A6 DSK-1A6 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Won-Top Electronics
1A6 WTE-1A6 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Microdiode Electronics ...
1A6 CHENDA-1A6 Datasheet
648Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A6

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
   1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
1N4001 WILLAS-1N4001_18 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
SUNMATE electronic Co.,...
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
   Axial Leaded General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com