Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE18CA Datasheet(PDF) 2 Page - Formosa MS

Part # 1.5KE18CA
Description  1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1.5KE18CA Datasheet(HTML) 2 Page - Formosa MS

  1.5KE18CA Datasheet HTML 1Page - Formosa MS 1.5KE18CA Datasheet HTML 2Page - Formosa MS 1.5KE18CA Datasheet HTML 3Page - Formosa MS 1.5KE18CA Datasheet HTML 4Page - Formosa MS 1.5KE18CA Datasheet HTML 5Page - Formosa MS 1.5KE18CA Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Features
Axial lead type devices for through hole design.
1500W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.05%.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time from 0V to VBR, typically less than
1pS for uni-directional & 5 nS for bi-directional types.
Ultra high-speed switching.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen free parts, ex. 1.5ΚΕ6.8Α-H
Mechanical data
Case : Molded plastic, DO-201AE
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight : Approximated 1.20 gram
Epoxy : UL94-V0 rated flame retardant
Package outline
Page 2
1500W Axial Lead Transient Voltage
Suppressors - 6.8V-440V
Formosa MS
Dimensions in inches and (millimeters)
DO-201AE
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.042(1.07)
.037(0.94)
DIA.
.220(5.6)
.197(5.0)
DIA.
1.5KE SERIES
Maximum ratings (AT T =25
A
oC unless otherwise noted)
PARAMETER
CONDITIONS
Peak power dissipation
Peak pulse current
Steady state power dissipation
Peak forward surge current
Maximum instantaneours forward voltage
with a 10/1000us waveform, note 1& fig.1
with a 10/1000us waveform, note 1& fig.1
Symbol
1.5KE series
UNIT
P
PPM
I
PPM
P
M(AV)
V
F
W
A
W
A
V
200
8.3ms single half sine-wave superimposed
on rated load(JEDEC Mthod), note 2
3.5/5.0
I
FSM
Storage temperature
at 100A for Uni-Directional types only, note 3
T
STG
OC
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Operating temperature
T
J
O
at T =75 C, lead length 0.375"(9.5mm)
L
OC
1500
See Table 1
6.5
-55~+150
-65~+175
O
Note 1. Non-repetitive current pulse, per Fig. 3 and derated above T =25 C per Fig. 2
A
2. Measured on 8.3 mS single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
3. V =3.5V max. for devices of VBR < 200V, and VF=5.0V max. for devices of VBR>201V
F
Transient Voltage Suppressor
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222806
2008/02/10
2010/03/10
B
6
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1.5KE18CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE18CA ONSEMI-1.5KE18CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE18CA LUGUANG-1.5KE18CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Pan Jit International I...
1.5KE18CA PANJIT-1.5KE18CA Datasheet
82Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
1.5KE18CA ANOVA-1.5KE18CA Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
1.5KE18CA DAESAN-1.5KE18CA Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE18CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
1.5SMC6.8A UMW-1.5SMC6.8A Datasheet
655Kb / 4P
   6.8V-540V 1500W
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com