Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4006 Datasheet(PDF) 5 Page - Formosa MS

Part # 1N4006
Description  1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4006 Datasheet(HTML) 5 Page - Formosa MS

  1N4006 Datasheet HTML 1Page - Formosa MS 1N4006 Datasheet HTML 2Page - Formosa MS 1N4006 Datasheet HTML 3Page - Formosa MS 1N4006 Datasheet HTML 4Page - Formosa MS 1N4006 Datasheet HTML 5Page - Formosa MS 1N4006 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
7890





5
5



 !"$%
&'())&*+,-&'()).
/0
/
1/
230/
45
23
60 17789
/:
781
;/
:2
1
;/
45
23
60 17 :29
00:8
:11
</
=26>29
6?7
?9
6?7
?9
@A
A
BC
7
7
DDD
E
FG?FH1?H
IF?7
2/9C

J 8C

FIK?3LA

HHK3M1A
3
:3NO
H3M1A
3 :3NO
HO
FL
0123
%PQQR!SRTSUR "VWXY
V
R!X!V
TRY
ZQW[R!!R!

931ME
G33A
3?B3G1A
KG3BGFE
O
]
3D1N3HF]
M3GO
L2
          
2O
?3613I9















0G3@31A
^1_2G1MO
3LA` 7
H
031>
^1_D3]
]
A
O
?35^1_
FF]FDL
^1_2G1MO
3LA
` 7
H
1K223HA
3M2G1MO
3LA` 7
HFG
]
3HH

031>HF]
M3GO
L2A
3?B3G1A
KG3LFA
A
F3_I33M`
1
7
7

7
a7


bcd
efhiejijkilimefnompqrisitu
d
v
d
imr
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N4006

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4006 FCI-1N4006 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4006 DIODES-1N4006 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results

Similar Description - 1N4006

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1A1 FORMOSA-1A1 Datasheet
130Kb / 6P
   1.0A Axial Leaded General Purpose Rectifers - 50V-1000V
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
   1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com