Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5402 Datasheet(PDF) 6 Page - Formosa MS

Part # 1N5402
Description  Axial Leaded General Purpose Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5402 Datasheet(HTML) 6 Page - Formosa MS

  1N5402 Datasheet HTML 1Page - Formosa MS 1N5402 Datasheet HTML 2Page - Formosa MS 1N5402 Datasheet HTML 3Page - Formosa MS 1N5402 Datasheet HTML 4Page - Formosa MS 1N5402 Datasheet HTML 5Page - Formosa MS 1N5402 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
01235
7898 


9



!  " # 



$%
%
&'
(
(
)))*
+
,-.,/1./*
0,.(
123'
44556566575558
9:;'
445565665758<8
8*=,>
?3-@3/A
/%
1B03
6*=,>
?3-1CA
>
A
%
D
E*0F>
>13/%
<*G3B?331?
H*IA
2$13.&3-1%
F-3@3J3-/3GA
1/
5*9,-)1-?K&3-1%
A
,B3A
+
3
L*M
B%
3-.A
%
%
3B%K&3-1%
A
,B3A
+
3
4*0-3//F-3N,,O3-
7*13.&3-1%
F-3ND0>
A
B2
8P*1$3-.1>=$,0O
88*9,-)1-?=F-23
86*IF.A
?A
%
D
8E*IA
2$13.&3-1%
F-3=%
,-1233A
+
3
1%65PQH +
,-8PQ6/30*
A
..3-/3C,?DA
B%
,/,>
?3-8(
85RQ8(
E6R
,
1%6<HQHN+
,-H/30*
6*
PO2A
B1SA
1>>
31??A
-30%
A
,B+
,-8P/30*
M
9
TM
K
6*
PO2)3A
2$%1&&>
A
3?%
,310$>
31?C3B?A
B2
,
,
1-07PQH +
,-E%
A
.3/
,
UT4PV -1%
31%1T86HN+
,-854$-/*
@
W
,
@1%
3?1J3-123-30%
A
+
A
3-0F--3B%1%1T6HN+
,-HPP$-/*
:
K
1 T6HNXMTM
:
9
K
KB/%
1%
3'&,)3-,B+
,-H.A
B*
,+
+/%
1%
3'&,)3-,+
++
,-H.A
BX
,B1B?,+
++
,-HPP0D0>
3/*
,
8H0 1%1T868N+
,-<$-/*
=M
Y
:
,
,
5HHN%
,Z86HN?)3>
>
3?+
,-EP.A
B*
1B?%
-1B/+
3--3?+
,-H.A
B*%
,%
1>8P0D0>
3/*
,
,
PN+
,-H.A
B*-A
/3%
,8PPN+
,-H.A
B*%
,%
1>8P0D0>
3/*
4*
E.//A
B2>
3$1>
+/A
B35)1J3/F&3-A
.&,/3?
,B-1%
3?>
,1?X,B3/F-23*
,
1%1T4HNX@IT4HV +
,-8PPP$-/*
:
,
1%8LHN+
,-8PPP$-/*
,N
[M
35=1\5LHP\
[21IK\56PE8
[M
35=1\56P69
[21IK\56P4
[M
35=1\56P69
[21IK\5688:
[M
35=1\56P69
[21IK\5688:
[M
35=1\5LHP\
[21IK\58PE4
[M
35=1\5LHP\
[21IK\58P6L
[M
35=1\5LHP\
[21IK\58PE5
W2=\665:8P6
[M
35=1\5LHP\
[21IK\58PH8
[M
35=1\5LHP\
[21IK\58PH5
[M
35=1\5LHP\
[21IK\5<P5556
[M
35=1\5LHP\
[21IK\58P68
[M
35=1\5LHP\
[21IK\58PE8
M
%
3.13/%
N,B?A
%
A
,B/
@3+
3-3B03
\,0F.3B%M
\
M
//F3?\1%
3
@3JA
/3?\1%
3 @3JA
/A
,B
0123*
\=566688H
6PP4(
P6(
8P
6P8P(
PE(
8P
N
5
]^_
`acd`edefdgdh`aijhklmdndop
_
q
_
dhm
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5402

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5402 TSC-1N5402 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5402 YANGJIE-1N5402 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
Motorola, Inc
1N5402 MOTOROLA-1N5402 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Naina Semiconductor ltd...
1N5402 NAINA-1N5402 Datasheet
102Kb / 2P
   General Purpose Rectifier 3.0A
logo
Bytes
1N5402 BYTES-1N5402 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
More results

Similar Description - 1N5402

ManufacturerPart #DatasheetDescription
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
New Jersey Semi-Conduct...
1N4245 NJSEMI-1N4245 Datasheet
143Kb / 1P
   2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com