Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4304 Datasheet(PDF) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4304
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4304 Datasheet(HTML) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4304 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AO4304
30V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
18A
RDS(ON) (at VGS=10V)
< 6.0m
RDS(ON) (at VGS = 4.5V)
< 7.6m
100% UIS Tested
100% Rg Tested
Symbol
VDS
The AO4304 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
Drain-Source Voltage
30
G
D
S
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
Maximum Junction-to-Ambient
A D
TA=25°C
TA=70°C
°C/W
RθJA
27
Maximum Junction-to-Ambient
A
Avalanche Current
C
200
A
12
65
61
A
35
15
52
35
°C/W
°C/W
Maximum Junction-to-Lead
Pulsed Drain Current
C
Continuous Drain
Current
TA=70°C
2.3
V
±20
Gate-Source Voltage
14
V
Drain-Source Voltage
30
ID
18
Units
Thermal Characteristics
Parameter
Typ
Max
mJ
Junction and Storage Temperature Range
-55 to 150
°C
Power Dissipation
B
PD
Avalanche energy L=0.1mH
C
TA=25°C
W
3.6
G
D
S
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
Rev 0: Oct 2010
www.aosmd.com
Page 1 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4304

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4304 KEXIN-AO4304 Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4304 DOINGTER-AO4304 Datasheet
637Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4304-HF KEXIN-AO4304-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4304

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com