Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5407 Datasheet(PDF) 1 Page - Formosa MS

Part # 1N5407
Description  Axial Leaded General Purpose Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5407 Datasheet(HTML) 1 Page - Formosa MS

  1N5407 Datasheet HTML 1Page - Formosa MS 1N5407 Datasheet HTML 2Page - Formosa MS 1N5407 Datasheet HTML 3Page - Formosa MS 1N5407 Datasheet HTML 4Page - Formosa MS 1N5407 Datasheet HTML 5Page - Formosa MS 1N5407 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0
1
1
1
1
2
3
3
3
4
5
78
9































































































































































































































































































































































!"


#


























































$








































































































































































%&
'(
&
$

$
)*+
) !#




































,
!
"&$

$

!
&




























-
"
(


.
&(





























































"
!















































































0
/01209356
789:;;<=>?789:;@
"

&A
B
B
CCC
$

B
%D A
EE5F1F115G5550
)*A
EE5F1F115G5030
H+
H
+
!H

#
!H

#


H,F111004
1IIEB
I1B
0I
1I0IB
I2B
0I
J
5
KLM
NOQRNSRSTRURVNOWXVYZ[R\R]^
M
_
M
RV[
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5407

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5407 TSC-1N5407 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
1N5407 PACELEADER-1N5407 Datasheet
487Kb / 2P
   3.0AMP GENERAL PURPOSE SILICON RECTIFIER - 50V-1000V
logo
Motorola, Inc
1N5407 MOTOROLA-1N5407 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5407 TSC-1N5407 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
MIC GROUP RECTIFIERS
1N5407 MIC-1N5407 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

Similar Description - 1N5407

ManufacturerPart #DatasheetDescription
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
New Jersey Semi-Conduct...
1N4245 NJSEMI-1N4245 Datasheet
143Kb / 1P
   2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com