Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE170CA Datasheet(PDF) 1 Page - Formosa MS

Part # 1.5KE170CA
Description  1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1.5KE170CA Datasheet(HTML) 1 Page - Formosa MS

  1.5KE170CA Datasheet HTML 1Page - Formosa MS 1.5KE170CA Datasheet HTML 2Page - Formosa MS 1.5KE170CA Datasheet HTML 3Page - Formosa MS 1.5KE170CA Datasheet HTML 4Page - Formosa MS 1.5KE170CA Datasheet HTML 5Page - Formosa MS 1.5KE170CA Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
1.5KE SERIES
Transient Voltage Suppressor
1
2
2
2
2
3
4
5
5
6
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222806
2008/02/10
2010/03/10
B
6
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings ..............................................................................
Electrical characteristics...................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1.5KE170CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE170CA ONSEMI-1.5KE170CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
StarHope
1.5KE170CA SPSEMI-1.5KE170CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
DB Lectro Inc
1.5KE170CA DBLECTRO-1.5KE170CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Jinan Jing Heng Electro...
1.5KE170CA JINGHENG-1.5KE170CA Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
1.5KE170CA MCC-1.5KE170CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE170CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
1.5SMC6.8A UMW-1.5SMC6.8A Datasheet
655Kb / 4P
   6.8V-540V 1500W
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com