Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5358B Datasheet(PDF) 1 Page - Formosa MS

Part # 1N5358B
Description  5W Zener Diode 5.1 to 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5358B Datasheet(HTML) 1 Page - Formosa MS

  1N5358B Datasheet HTML 1Page - Formosa MS 1N5358B Datasheet HTML 2Page - Formosa MS 1N5358B Datasheet HTML 3Page - Formosa MS 1N5358B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zener Voltage From 5.1V to 200V
Case: JEDEC DO-15.
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026.
Standard Packaging: 52mm tape
Marking : Cathode band and type number
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-H"
bKPOKQ40s
5W Zener Diode 5.1 to 200V
Features
Mechanical Data
Maximum Ratings
Rating at 25°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
5.0
W
Maximum Forward Voltage at IF = 1 A
VF
1.2
V
Junction Temperature Range
TJ
- 65 to + 200
°
C
Storage Temperature Range
Ts
- 65 to + 200
°
C
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222803
2008/02/10
2010/03/10
B
4
Package outline
Dimensions in inches and (millimeters)
DO-201AE
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.042(1.07)
.037(0.94)
DIA.
.220(5.6)
.197(5.0)
DIA.
1N5338B Thru 1N5388B
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5358B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5358B MOTOROLA-1N5358B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Micro Commercial Compon...
1N5358B MCC-1N5358B Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
logo
Semikron International
1N5358B SEMIKRON-1N5358B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
1N5358B LUGUANG-1N5358B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
EIC discrete Semiconduc...
1N5358B EIC-1N5358B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5358B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4733A MCC-SMAJ4733A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 5.1 to 100 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com