Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5918B Datasheet(PDF) 2 Page - Formosa MS

Part # 1N5918B
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5918B Datasheet(HTML) 2 Page - Formosa MS

  1N5918B Datasheet HTML 1Page - Formosa MS 1N5918B Datasheet HTML 2Page - Formosa MS 1N5918B Datasheet HTML 3Page - Formosa MS 1N5918B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0102345
2612864623045
935
29

 
 








!

"
#
 $
% &
$
% &
 '

% &
(
)

*
" 
+ , 


$


)$- *
$.
*
$.
$$.- *
$.
$$/- *
$/
*
$/
*
- )
*
$%
0
)1
0
21
0
31
0
31
0
21
0
421
0
)1
0
21
567859:
;<
;
==;<
>
=?
??
=<
?
=??
=<
?
@@
56785A:
;<
>
=?@<

B<
?
??
=<
?
C
=<
?
@=>
567857:
;<
B
B><
=
C<

??
=<
?

=<
?
;D@
56785E:
@<
;
DC<

><
?
??
=<
?
<
?
=<
?
;@D
56785F:
@<
C
CB<
D
<
?
??
=<
?
<
?
=<

;=B
56785G:
<
=
C;<

@<
?
;?
=<
?
<
?
<
?
B@
567858:
<
>
>><
B
<
?
?
=<
?
@?
;<
?
>C
5678HI:
><

>?<

<
?
??
=<
?
@?
@<
?
@=
5678H5:
><
D
<
=
<

??
=<
?
?
<

?
5678HH:
C<

?<
?
;<
?
@??
?<

?
><
?
??
5678H9:
D<

@<
C
;<

@??
?<

?
><

=D
5678HA:
B<
=
@=<

@<
?
??
?<

?
C<
?
=>@
5678H7:
=?
;C<

@<

??
?<

?
D<
?
=?
5678HE:
==
;@<
=
<

?
?<

?
D<
@
=;>
5678HF:
=
;=<

><

?
?<

=<
?
B<
=
=
5678HG:
=;
D<
D
C<
?
?
?<

=<
?
B<
B
==
5678H8:
=
<
?
B<
?
>??
?<

=<
?
==<
@
=??
56789I:
=>
;<
@
=?
>??
?<

=<
?
=<

B;
567895:
=D
?<
D
=
>?
?<

=<
?
=;<
C
D;
56789H:
?
=D<
C
=@
>?
?<

=<
?
=<

C
567899:

=C<
?
=C<

>?
?<

=<
?
=><
C
>D
56789A:
@
=<
>
=B
C??
?<

=<
?
=D<

>
567897:
C
=;<
B
;
C??
?<

=<
?
?<
>

56789E:
;?
=<

>
C?
?<

=<
?
<
D
?
56789F:
;;
==<
@
;;
D??
?<

=<
?
<
=
@
56789G:
;>
=?<
@
;D
D?
?<

=<
?
C<
@
@=
567898:
;B
B<
>
@
B??
?<

=<
?
B<
C
;D
5678AI:
@;
D<
C
;
B?
?<

=<
?
;<
C
;@
5678A5:
@C
D<
?
>C
=???
?<

=<
?
;<
D
;=
5678AH:
=
C<
;
C?
==??
?<

=<
?
;D<
D
B
5678A9:
>
><
C
D>
=;??
?<

=<
?
@<
>
>
5678AA:
>
><
?
=??
=??
?<

=<
?
@C<
=
@
5678A7:
>D
<

=?
=C??
?<

=<
?
=<
C

5678AE:
C
<
?
=@?
???
?<

=<
?
><
?
?
5678AF:
D
@<
>
=>?
??
?<

=<
?
><

=D
5678AG:
B=
@<
=
??
;???
?<

=<
?
>B<

=>
5678A8:
=??
;<
C
?
;=??
?<

=<
?
C><
?
=
56787I:
==?
;<
@
;??
@???
?<

=<
?
D;<
>
=;
567875:
=?
;<
=
;D?
@??
?<

=<
?
B=<

=
56787H:
=;?
<
B
@?
???
?<

=<
?
BD<
D
==
567879:
=?
<

>??
>???
?<

=<
?
==@<
?
=?
56787A:
=>?
<
;
C??
>??
?<

=<
?
==<
>
B<
?
567877:
=D?
<
=
B??
C???
?<

=<
?
=;><
D
D<
?
56787E:
??
=<
B
=B??
BBB?
?<

=<
?
=<
?
C<
?
56787F:
?
=<

=>??
B???
?<

=<
?
=D<
@
><
?
6JK
LM0
=1 N!
!

&OPO
"
QR


S!
!

&O2O
"
Q=?R


<
3TU0
567859:V56787F:
95
15
2W6X0604Y5
WY09
[\]^`
ab
b
cd
e
e
fffg
h
ijkil\klg
mike
nopd
qqrs`s``rtrrru
vwxd
qqrs`s``rtruyu
zim{k^|b}
z
}
ll{^~z\b
^
^€
l^~z\b
^ ^€
i|
[\]^g
z‚s`y`uƒƒ
`„„te
„qe
`„u„e
„…e
†
y
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5918B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5918B JGD-1N5918B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
SUNMATE electronic Co.,...
1N5918B SUNMATE-1N5918B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Microsemi Corporation
1N5918B MICROSEMI-1N5918B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Inchange Semiconductor ...
1N5918B ISC-1N5918B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Central Semiconductor C...
1N5918B CENTRAL-1N5918B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N5918B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com