Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ7.5CA Datasheet(PDF) 1 Page - Formosa MS

Part # 3.0SMCJ7.5CA
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

3.0SMCJ7.5CA Datasheet(HTML) 1 Page - Formosa MS

  3.0SMCJ7.5CA Datasheet HTML 1Page - Formosa MS 3.0SMCJ7.5CA Datasheet HTML 2Page - Formosa MS 3.0SMCJ7.5CA Datasheet HTML 3Page - Formosa MS 3.0SMCJ7.5CA Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
012456789
7 
605885

 
 !"# $%
&
$'
()*+-
./
/
01
2
2
3334
5
67869)894
:682
;<=1
>>?@A@AA?B???-
CDE1
>>?@A@AA?B?-F-
G6:H8+I/J
G
J
99H+KG)/
+
L+MN
9+KG)/
+ L+MN
9N
6I
()*+4
GO@AA->-P
AQQ>2
QA2
-Q
AQ-R2
QR2
Q-
G
F
TUUUV WXYZW[\
]XW^_X`aYWYbc
\
c
d
e_c
d
f
YgUh
gUUUi]_YjXk
^`
l
mnaX\
\
Xoda\
YlWc
opaYWYbc
\
c
d
e
q^_c
or[ad
YoaX
sc
pfd
XlWX`
Yd
[`
X]^\
rX`
c
optuvUwxh
gU
]Xa^or]Ydd
X`
lc
oY\
]y
z[c
\
d
{
c
o]d
`
Yo`
X\
c
Xk
xY]Xt|}~
€‚ƒ„^\
rXrW\
Y]d
c
a
qXYrtqXYr…^`
lXrk
^`†[`
k
YaX„^[od
„^[od
c
opW^]c
d
c
^otˆoe
VXc
pfdtUy
ugp`
Yl
‰Š‹
Œ
Ž
‘’“”
•Š”
–—
˜Œ
‹
™XYZ™[\
]X™^_X`šc
]]c
WYd
c
^o^ogUh
gUUUi]_YjXk
^`
l›gœ›uœ
™™™„
TUUU
V
™XYZ™[\
]Xx[`
`
Xod^ogUh
gUUU]_YjXk
^`
l ›gœ

™™„
†XXžXndŸYb\
X
ˆ
™XYZ…^`
_Y`
r†[`
pXx[`
`
Xod
 ¡y
Tl]]c
op\
XfY\
k]c
oX{
_YjX
][WX`
c
lW^]Xr^o`
Yd
Xr\
^Yr›uœ›Tœ
¢WX`
Yd
c
op£[oad
c
^oYor†d
^`
YpXŸXlWX`
Yd
[`
X¤YopX
Ÿ£ Ÿ†Ÿ¥
{vvd
^¦gvU
w
x
§“‹
—¨ª
›
gœž^o{
`
XWXd
c
d
c
jXx[`
`
XodW[\
]X WX`…c
pyTYorrX`
Yd
XrYb^jXŸY«uvwxWX`…c
pyg
›
uœ„^[od
Xr^ovy
Ullu›
Uy
UgTd
fc
aZœ\
YorY`
XY]y
›
Tœ„XY][`
Xr^o¡y
Tl] ]c
op\
XfY\
k]c
oX{
_YjX^`X¬[c
jY\
Xod]¬[Y`
X_YjX r[d
eaea\
X«­W[\
]X]WX`lc
o[d
X]lYnc
l[ly

…†„
uUU
ˆ
®¯°±
²³² µ¯¶
±
·¸¹¯·º»¼
½¾¶
¿±
¾¯¼ÀÁ¯¿¯¾¶
½¿±
¹¶
±
¾¹
ÂÃÄ
Å
ÆÇÃÄÉÊËÌÃÍÎÅ
ÏÆÄÄ
ÏÍÐÏÑ
ÃÄ
ÒÑ
ÏÒÆÓ
ÏÔÔËÄ
ÕÏÑ
ÖÅ
ÔÏÔÐÏ×Å
Ø
Å
ÏÙÚ
ÛÜÝÞ
ßàÜá
âÜãäÝåæ
ãÝçéÝÞ
Ý
ê
ê
ê
ê
ê
ê
ê
ê
ê
ëì
íîïðì
ñïðì
ïì
ïóôîðõïö÷
íì
ø
ø
ì
íîù
îú
ðû
üý
þþÿ÷
ÿý
01û
üý
þÿ2÷
þ1û
üý
ÿ4ü÷
ÿ1û
üý
3þü÷
51û
üý
ÿþ5÷
1üû
üý
ÿ2ü÷
þüû
üý
ü05÷
ÿý
ÿû
üý
þüÿ÷
ÿý
üý
ü3ü÷
üý
56û
üý
ü1ü÷
þý
ÿ5û
üý
3þ4÷
þüû
üý
331÷
1þû
üý
üþÿ÷
üý
3ü1û
üý
üü6÷
üý
þ1ÿû
üý
üü0÷
üý
ÿü3û
789ý


深圳FMS
Kinter
131
6803
0058


Similar Part No. - 3.0SMCJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ7.5CA WTE-3.0SMCJ7.5CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ7.5CA WTE-3.0SMCJ7.5CA Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3.0SMCJ7.5CA MDE-3.0SMCJ7.5CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ7.5CA DIOTECH-3.0SMCJ7.5CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
3.0SMCJ7.5CA WEITRON-3.0SMCJ7.5CA Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com