Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5927B Datasheet(PDF) 1 Page - Formosa MS

Part # 1N5927B
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5927B Datasheet(HTML) 1 Page - Formosa MS

  1N5927B Datasheet HTML 1Page - Formosa MS 1N5927B Datasheet HTML 2Page - Formosa MS 1N5927B Datasheet HTML 3Page - Formosa MS 1N5927B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
012304570123285
9
11
9
4
47


0
2


 !9
#$%&'(
)*
)+%(
*
,-).,/-)01
0*
%233+%(
*
4
#56
-7'),89
):)9
4)'%;)9<6
446
',*
6
%/
#56
-79
)(
6
,=6
(
6
*
>
#?%;(
),8,-)@A9
9
)/*
#B=C.%5DE9
))
F G1
  
#$,4)HIJK
LMN%(
<)<'(
,4*
6
@
#O'%P>HQ?RL+K
J9
,*
)S
(
,&)9
)*
,9
<,/*
#?),<HTP6
,((
),<4%(
<)9
,=(
)')9NU
?K
DVIK
232W
&)*
7%<23X-A,9
,/*
))<
#B%(
,9
6
*
>H$%(
%9=,/<<)/%*
)4@,*
7%<))/<
#N%A/*
6
/-'%46
*
6
%/HT/>
#Y)6
-7*H31
2Z-9
,&
F[
F!F
1\9
.,*
6
/-,*2]
_$,&=6
)/**
)&')9
,*
A9
)A/(
)44%*
7)9
;6
4)4')@6
S
6
)<
`a
bcdea
fdea
da
dhicejdkl
ba
m
m
a
bcn
co
ep
qrs
tu
vw
xvyl
zw
yp
vw
v{vl
zw
vp
`|
}w
vw
v~l
vw
€p
vw
vz{l
vw
yp
`|
}w
xw
vl
zw
p
‚|
ƒw
vw
zvl
w
zp
vw
x„vl
w
zp
xw
vl
zw
p
‚|
ƒw
…†‡†ˆ‰Š‰‡
ŒˆŽ
‘†
’‰
”•–
Š
—˜™š›ž
ŸŸž
 ¡¢
ž
˜£¡¢¤¥¦§¨©ª
—¢˜¢
«¬
¨
­
—™¡®¯
˜›
™¡›
°±²›³šª²››š£¢
´¬
µ¶ŸŸž
£³·
š¸¡·
¯Ÿž
£š¹
Ÿº²¡›
š™¡»š
¼½±¾
«¿
À¶ Ÿ
Á²£Â¢
ž
˜£ ¤š¶ š›
¡¢
²›
š
¤Ã
Ä
¨¨ÅÆ«¨¿
˜ª
±¢
˜›
¡³š ¤š¶ š›
¡¢
²›
š Ç¡£³š
¤±¤È
Ä
Ä
¨¨ÅÆ«¨¿
˜ª
½˜›
™¡›
°É˜·
¢
¡³š ¡¢¼
½
¦Ê¿¿¶À
½
É
É
«¬
¨
ÌÍÎÏÑ
ÒÓ
Ó
ÔÕ
Ö
Ö
×××Ø
Ù
ÚÛÜÚÝÍÜÝØ
ÞÚÜÖ
ßàáÕ
ââãäåäååãæãããÑ
çèéÕ
ââãäåäååãæãÑêÑ
ëÚÞìÜÏíÓî
ë
î
ÝÝìÏïëÍÓ
Ï
ðÏñò
ÝÏïëÍÓ
Ï ðÏñò
Ýò
Úí
ÌÍÎÏØ
ëóäåêåÑôô
åõõæÖ
õâÖ
Ñõ
åõÑõÖ
õöÖ
Ñõ
÷
ê
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5927B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5927B PANJIT-1N5927B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
First Components Intern...
1N5927B FCI-1N5927B Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
Anova Technologies CO.,...
1N5927B ANOVA-1N5927B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Transys Electronics
1N5927B TRSYS-1N5927B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5927B TAITRON-1N5927B Datasheet
171Kb / 4P
   1.5W Zener Diodes
More results

Similar Description - 1N5927B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com