Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5928B Datasheet(PDF) 4 Page - Formosa MS

Part # 1N5928B
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5928B Datasheet(HTML) 4 Page - Formosa MS

  1N5928B Datasheet HTML 1Page - Formosa MS 1N5928B Datasheet HTML 2Page - Formosa MS 1N5928B Datasheet HTML 3Page - Formosa MS 1N5928B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1234
56257892128314
34
88 1 55
4
63123 184
84
531256
4
63123 184
84
531256
54
3 33
54
3 3 3
4
6!"51326 "518 1153
4
6#"51326 "518 1153
"$
%
&'(3
"$%&'(#3
4
6"51326 "518 1153
4
63)4
8239121 4
3258
"$%&'( 3
*+,+./.0*12345.6 7
+38
*1239:
DE
DEE
DEEE
DEEE
DEE
DE
*+,+./.0*12345.8*1239:
DEE
FEE
GHE
DE
D
EI
D
DHE
FHE
JEE
JHE
GEE
*+,+./.0*12345.6 7
+38
*1239:
K
G
F
J
G
H
L
M
N
O
DE
DD DF
K
F
E
F
G
L
N
DE
*+,+./.0*12345.8*1239:
E
D
F
J
G
H
L
M
N
O
DE
DEE
DE
D
EI
D
E
DE FE JE GE HE LE ME NE OE DEE
EI
D
DEE
DE
D
*+,+./.0*12345.8*1239:
2,2.4P2./53Q31Q.4397
/R8
7
/?Q:
NE
LE
GE
FE
E
E
DB
N
FB
N
JB
N
GB
N
HB
N
LB
N
MB
N
D
8
OEU VWX
YZ>[\
X
]^_
Z\
[
X
YZ0^[`Z]7
[a\
b^X
Za:
8
OEU VWX
YZ>[\
X
]^_
Z\
[
X
YZ0^[`Z]7
[a\
b^X
Za:
04/5.
2
2
defgi
jk
k
lm
n
n
ooop
q
rstruetup
vrtn
wxym
zz{|}|}}{~{{{
€‚m
zz{|}|}}{~{i
ƒrv„tg…k†
ƒ
†
uu„g‡ƒek
g
ˆg‰Š
ug‡ƒek
g ˆg‰Š
defgp
ƒ‹|}i}ŒŒ
}~n
zn
}n
Žn

i
55!
4
4
85"5174
7
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5928B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5928B PANJIT-1N5928B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
TAITRON Components Inco...
1N5928B TAITRON-1N5928B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
RFE international
1N5928B RFE-1N5928B Datasheet
808Kb / 5P
   Zener Diodes 1N59 Series
AUG-04-2023
logo
Transys Electronics
1N5928B TRSYS-1N5928B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5928B SEMTECH_ELEC-1N5928B Datasheet
225Kb / 3P
   3 W SILICON ZENER DIODES
More results

Similar Description - 1N5928B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com