Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4403 Datasheet(PDF) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4403
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4403 Datasheet(HTML) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4403 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AO4403
30V P-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=-10V)
-6A
RDS(ON) (at VGS=-10V)
< 48m
RDS(ON) (at VGS =-4.5V)
< 57m
RDS(ON) (at VGS =-2.5V)
< 80m
100% UIS Tested
100% Rg Tested
Symbol
VDS
Drain-Source Voltage
-30
The AO4403 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as
a load switch or in PWM applications.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
-30V
Maximum
G
D
S
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
W
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
16
75
24
RθJA
31
A
Maximum Junction-to-Ambient
A
°C/W
TA=25°C
TA=70°C
Power Dissipation
B
PD
Avalanche energy L=0.1mH
C
Pulsed Drain Current
C
Continuous Drain
Current
V
TA=70°C
A
ID
-30
-6
-5
mJ
Avalanche Current
C
16
Drain-Source Voltage
-30
V
59
40
±12
Gate-Source Voltage
3.1
2
18
TA=25°C
°C
Thermal Characteristics
Junction and Storage Temperature Range
-55 to 150
Units
Parameter
Typ
Max
Rev 7: Mar. 2011
www.aosmd.com
Page 1 of 5
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4403 AOSMD-AO4403 Datasheet
443Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
AO4403 AOSMD-AO4403 Datasheet
273Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4403 KEXIN-AO4403 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4403 VBSEMI-AO4403 Datasheet
959Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4403-HF KEXIN-AO4403-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - AO4403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com