Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4403 Datasheet(PDF) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4403
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4403 Datasheet(HTML) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4403 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4403 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4403
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-0.5
-0.9
-1.3
V
ID(ON)
-30
A
40
48
TJ=125°C
60
72
45
57
m
60
80
m
gFS
19
S
VSD
-0.7
-1
V
IS
-3.5
A
Ciss
645
780
pF
Coss
80
pF
Crss
55
pF
Rg
4
7.8
12
Qg(4.5V)
7
nC
Qgs
1.5
nC
Qgd
2.5
nC
tD(on)
6.5
ns
tr
3.5
ns
tD(off)
41
ns
SWITCHING PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=-4.5V, VDS=-15V, ID=-6A
Gate Source Charge
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
Drain-Source Breakdown Voltage
On state drain current
VGS=-2.5V, ID=-2A
VGS=-10V, ID=-6A
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Turn-On Rise Time
Turn-Off DelayTime
m
IS=-1A,VGS=0V
VDS=-5V, ID=-6A
VGS=-4.5V, ID=-4A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=-10V, VDS=-15V, RL=2.5Ω,
RGEN=6Ω
Gate Drain Charge
Total Gate Charge
Reverse Transfer Capacitance
VGS=0V, VDS=-15V, f=1MHz
tD(off)
41
ns
tf
9
ns
trr
11
ns
Qrr
3.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=-6A, dI/dt=100A/µs
Turn-Off DelayTime
IF=-6A, dI/dt=100A/µs
RGEN=6Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The value
in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with 2oz.
Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 7: Mar. 2011
www.aosmd.com
Page 2 of 5
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4403 AOSMD-AO4403 Datasheet
443Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
AO4403 AOSMD-AO4403 Datasheet
273Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4403 KEXIN-AO4403 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4403 VBSEMI-AO4403 Datasheet
959Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4403-HF KEXIN-AO4403-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - AO4403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com