Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4410 Datasheet(PDF) 4 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4410
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4410 Datasheet(HTML) 4 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4410 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4410 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4410 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4410 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4410 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
0
10
20
30
40
50
60
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=2V
2.5V
10V
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
VGS(Volts)
Figure 2: Transfer Characteristics
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
60
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=10V
VGS=4.5V
0
4
8
12
16
0
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=18A
25°C
125°C
ID=18A
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4410

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4410 AOSMD-AO4410 Datasheet
110Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO4410 AOSMD-AO4410 Datasheet
185Kb / 5P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4410 KEXIN-AO4410 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4410 VBSEMI-AO4410 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4410 UMW-AO4410 Datasheet
1Mb / 6P
   N-Channel MOSFET
More results

Similar Description - AO4410

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com