Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU24N15DPBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFU24N15DPBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU24N15DPBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFU24N15DPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU24N15DPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.kersemi.com
IRFR/U24N15DPbF
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
8.2
–––
–––
S
VDS = 25V, ID = 14A
Qg
Total Gate Charge
–––
30
45
ID = 14A
Qgs
Gate-to-Source Charge
–––
7.4
11
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
17
26
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 75V
tr
Rise Time
–––
53
–––
ID = 14A
td(off)
Turn-Off Delay Time
–––
19
–––
RG = 6.8Ω
tf
Fall Time
–––
15
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
890
–––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
46
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1460 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
95
–––
VGS = 0V, VDS = 120V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
200
–––
VGS = 0V, VDS = 0V to 120V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
170
mJ
IAR
Avalanche Current

–––
14
A
EAR
Repetitive Avalanche Energy

–––
14
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 14A, VGS = 0V
„
trr
Reverse Recovery Time
–––
110
–––
ns
TJ = 25°C, IF = 14A
Qrr
Reverse RecoveryCharge
–––
450
–––
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
24
96
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.18 –––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
82
95
m
VGS = 10V, ID = 14A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current


Similar Part No. - IRFU24N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU24N15DPBF IRF-IRFU24N15DPBF Datasheet
228Kb / 11P
   HEXFET짰Power MOSFET
More results

Similar Description - IRFU24N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com