Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4448 Datasheet(PDF) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4448
Description  80V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4448 Datasheet(HTML) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4448 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4448 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4448 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4448 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4448 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4448 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AO4448
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0
20
40
60
80
2
3
4
5
6
7
8
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
8
10
12
14
16
18
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=7V
ID=8A
VGS=10V
ID=10A
5
10
15
20
25
30
5
6
7
8
9
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=5V
VGS=7V
VGS=10V
ID=10A
25°C
125°C
0
20
40
60
80
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=5.5V
6.5V
8V
10V
7V
7.5V
6V
Rev 1: Nov. 2010
www.aosmd.com
Page 3 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4448

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4448 AOSMD-AO4448 Datasheet
291Kb / 6P
   80V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4448 KEXIN-AO4448 Datasheet
1Mb / 5P
   N-Channel MOSFET
AO4448-HF KEXIN-AO4448-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4448L AOSMD-AO4448L Datasheet
265Kb / 6P
   80V N-Channel MOSFET
More results

Similar Description - AO4448

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com