Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4449 Datasheet(PDF) 5 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4449
Description  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4449 Datasheet(HTML) 5 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4449 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4449 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4449 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4449 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4449 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4449 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AO4449
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
The AO4449 uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge. This device is suitable for use as a load switch or in PWM applications.
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 12: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=75°C/W
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 12: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=75°C/W
Rev 3: Nov 2011
www.aosmd.com
Page 5 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4449

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4449 AOSMD-AO4449 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO4449 AOSMD-AO4449 Datasheet
615Kb / 6P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4449 KEXIN-AO4449 Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4449 VBSEMI-AO4449 Datasheet
959Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4449-HF KEXIN-AO4449-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
More results

Similar Description - AO4449

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com