Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG1560 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RHRG1560
Description  15A, 400V - 600V Hyperfast Dual Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG1560 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RHRG1560 Datasheet HTML 1Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 2Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 3Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 4Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRG1540CC, RHRG1560CC Rev. B
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Typical Performance Curves (Continued)
IF, FORWARD CURRENT (A)
0.5
0
20
10
15
1
30
50
10
tb
40
5
trr
ta
TC = 25
oC, dI
F/dt = 100A/µs
IF, FORWARD CURRENT (A)
0.5
0
40
20
15
1
60
100
10
tb
80
5
trr
ta
TC = 100
oC, dI
F/dt = 100A/µs
IF, FORWARD CURRENT (A)
0.5
0
50
25
15
1
100
75
10
tb
5
ta
125
150
175
trr
TC = 175
oC, dI
F/dt = 100A/µs
15
3
0
100
115
145
175
160
6
9
12
TC, CASE TEMPERATURE (
oC)
130
DC
SQ. WAVE
VR, REVERSE VOLTAGE (V)
50
25
0
100
0
50
100
150
200
175
150
75
125
RHRG1540CC, RHRG1560CC


Similar Part No. - RHRG1560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG1560 INTERSIL-RHRG1560 Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1560 FAIRCHILD-RHRG1560 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
logo
Intersil Corporation
RHRG1560CC INTERSIL-RHRG1560CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
More results

Similar Description - RHRG1560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com