Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS28D28 Datasheet(PDF) 2 Page - Formosa MS

Part # DSS28D28
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DSS28D28 Datasheet(HTML) 2 Page - Formosa MS

  DSS28D28 Datasheet HTML 1Page - Formosa MS DSS28D28 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 686620 866




























 

3
5
2 3
91!3
46214214 " 6"0#108
910192 03
623
96
4 $% 0"99! 612&'
3
5
$1(3
$ $4"4
0 23
23
1)"0#108
6 05 9 00 42
3
5"0#1089 00 428 0123
459 0
3
46214214 " 6"0#108"!215 *
"!26
+,
-./
012340
53/
6738059
:04,
4;
,
80<=
,
->?@;
,
80A<3>







BCDE
1FA+G7H
IB5DJK4
LIFBMEMEAG















BCDE
BCDE
09 42" 1)0 06 "!215 *
N
3
5O
2 3
91!0 06 910192 03
623
96
1$%3
422 $ 012 0 *9
I++P
I++
I++P
I++
I++P
I++
I++P
I++
I++P
I++
BCDE






0 06 "!215 *
"!26
3
5Q
2 3
91!R 4923
"491 193
2149
BCDE




I++P
I++
I++P
I++

J








JT4+H
UVAG5WAX+H
UGP
7WYG
Z
CGIGE[0;
2<>\
6 019 $" 4269"22)%1003
00 923
3
0
]^_`^abde
fghik
mnopqirst
m
t
uupivmgs
i
wixy
uivmgs
i wixy
uy
nr
fghiz
{s
s
|}
~
~
z
€
nqnugquz
onq~
‚ƒ„}
……†‡k‡kk†ˆ†††‰
Š‹Œ}
……†‡k‡kk†ˆ†‰‰
mŽ‡kkk†
k…~
k~
‰
k‰~
‘~
‰
’
k
深圳FMS
Kinter
131
6803
0058


Similar Part No. - DSS28D28

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DSS28 CHENDA-DSS28 Datasheet
565Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS28 DYELEC-DSS28 Datasheet
2Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
DSS28K28 YIXIN-DSS28K28 Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS28U DYELEC-DSS28U Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSS28D28

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com