Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG5060 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RHRG5060
Description  50A, 600V Hyperfast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG5060 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RHRG5060 Datasheet HTML 1Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 2Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 3Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 4Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRG5060 Rev. B
RHRG5060
50A, 600V Hyperfast Diode
The RHRG5060 is a hyperfast diode with soft recovery
characteristics (trr < 45ns). It has half the recovery time of
ultrafast diodes and is of silicon nitride passivated
ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping
diode and rectifier in a variety of switching power supplies
and other power switching applications. Its low stored charge
and hyperfast soft recovery minimize ringing and electrical
noise in many power switching circuits, thus reducing power
loss in the switching transistors.
Formerly developmental type TA49065.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <45ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRG5060
TO-247
RHRG5060
NOTE: When ordering, use the entire part number.
K
A
(BOTTOM
SIDE METAL)
ANODE
CATHODE
CATHODE
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
RHRG5060
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 93
oC)
50
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
100
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
500
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
150
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
40
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
oC
Data Sheet
January 2002


Similar Part No. - RHRG5060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
416Kb / 6P
   50A, 600V Hyperfast Rectifier
logo
Inchange Semiconductor ...
RHRG5060 ISC-RHRG5060 Datasheet
312Kb / 2P
   Ultra fast Rectifier
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
   50A, 600V Hyperfast Rectifier
More results

Similar Description - RHRG5060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
   50A, 600V Hyperfast Rectifier
logo
Intersil Corporation
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
   50A, 400V - 600V Hyperfast Diodes
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
   50A, 1200V Hyperfast Diode
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
   50A, 1000V Hyperfast Diode
logo
Fairchild Semiconductor
RURG5060 FAIRCHILD-RURG5060 Datasheet
329Kb / 4P
   50A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG5060 INTERSIL-RURG5060 Datasheet
32Kb / 3P
   50A, 600V Ultrafast Diode
RURU5060 INTERSIL-RURU5060 Datasheet
31Kb / 3P
   50A, 600V Ultrafast Diode
logo
Shindengen Electric Mfg...
S50VB60 SHINDENGEN-S50VB60 Datasheet
302Kb / 5P
   Bridge Diode(600V 50A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com