Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4484 Datasheet(PDF) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4484
Description  40V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4484 Datasheet(HTML) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4484 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4484 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4484 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4484 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO4484
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
IF=-6.5A, dI/dt=100A/µs
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
0
20
40
60
80
100
120
0
1
2
3
4
5
VDS (Volts)
Figure 1: On-Region Characteristics
4V
4.5V
10V
3.5V
0
20
40
60
80
100
2
2.5
3
3.5
4
4.5
VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS= 5V
4
6
8
10
12
14
16
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS= 10V
VGS= 4.5V
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
5
10
15
20
25
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID= 10A
25°C
125°C
VGS= 3V
VGS= 10V
ID= 10A
VGS= 4.5V
ID=8A
Alpha Omega Semiconductor, Ltd.
www.aosmd.com
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4484

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484 Datasheet
204Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO4484 AOSMD-AO4484 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4484 KEXIN-AO4484 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4484 VBSEMI-AO4484 Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4484-HF KEXIN-AO4484-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4484

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com